Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 10Page - National Semiconductor (TI) CLC5902 Datasheet HTML 11Page - National Semiconductor (TI) CLC5902 Datasheet HTML 12Page - National Semiconductor (TI) CLC5902 Datasheet HTML 13Page - National Semiconductor (TI) CLC5902 Datasheet HTML 14Page - National Semiconductor (TI) CLC5902 Datasheet HTML 15Page - National Semiconductor (TI) CLC5902 Datasheet HTML 16Page - National Semiconductor (TI) CLC5902 Datasheet HTML 17Page - National Semiconductor (TI) CLC5902 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Rev. 3.05 May 27, 1999
14
©1999 National Semiconductor Corporation
Oscillator (NCO) circuit to generate sine and cosine sig-
nals used by the digital mixer. The NCOs can be synchro-
nized with NCOs on other chips via the sync pin SI. This
allows multiple down converter outputs to be coherently
combined, each with a unique phase and amplitude.
The tuning frequency is set by loading the FREQ register
according to the formula FREQ = 232F/FCK, where F is
the desired tuning frequency and FCK is the chip’s clock
rate. FREQ is a 2’s complement word. The range for F is
from -FCK/2 to +FCK(1-2
-31)/2.
In some cases the sampling process causes the order of the
I and Q components to be reversed. Should this occur sim-
ply invert the polarity of the tuning frequency F.
The 2’s complement format represents full-scale negative
as 10000000 and full-scale positive as 01111111 for an 8-
bit example.
The 16 bit phase offset is set by loading the PHASE regis-
ter according to the formula PHASE = 216P/2
π, where P
is the desired phase in radians ranging between 0 and 2
π.
PHASE is an unsigned 16-bit number. P ranges from 0 to
2
π(1-2-16).
Phase dithering can be enabled to reduce the spurious sig-
nals created by the NCO due to phase truncation. This
truncation is unavoidable since the frequency resolution is
much finer than the phase resolution. With dither enabled,
spurs due to phase truncation are below -100 dBc for all
frequencies and phase offsets. Each NCO has its own
dither source and the initial state of one is maximally off-
set with respect to the other so that they are effectively
uncorrelated. The phase dither sources are on by default.
They are independently controlled by the DITH_A and
DITH_B bits. The amplitude resolution of the ROM cre-
ates a worst-case spur amplitude of -101dBc rendering
amplitude dither unnecessary.
The spectrum plots in Figure 16 show the effectiveness of
phase dither in reducing NCO spurs due to phase trunca-
tion for a worst-case example (just below FS/8). With
dither off, the spur is at -86.4dBFS. With dither on, the
spur is below -125dBFS, disappearing into the noise floor.
This spur is spread into the noise floor which results in an
SNR of -83.6dBFS.
Figure 17 shows the spur levels as the tuning frequency is
scanned over a narrow portion of the frequency range. The
spurs are again a result of phase quantization but their
locations move about as the frequency scan progresses. As
before, the peak spur level drops when dithering is
enabled. When dither is enabled and the fundamental fre-
quency is exactly at FS/8, the worst-case spur due to
amplitude quantization can be observed at -101dBc in Fig-
ure 18.
Four Stage CIC Filter
The mixer outputs are decimated by a factor of N in a four
stage CIC filter. N is programmable to any integer
between 8 and 2048. Decimation is programmed in the
DEC register where DEC = N - 1. The programmable dec-
imation allows the chip’s usable output bandwidth to range
from about 2.6kHz to 1.3MHz when the input data rate
(which is equal to the chip’s clock rate, FCK) is 52 MHz. A
block diagram of the CIC filter is shown in Figure 19.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-160
-140
-120
-100
-80
-60
-40
-20
0
Frequency Normalized to FS
Figure 17
NCO Spurs due to Phase Quantization
Complex NCO Output
Phase Dither Disabled
NCO frequency swept through FS/8
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-160
-140
-120
-100
-80
-60
-40
-20
0
Frequency Normalized to FS
Figure 18
Worst Case Amplitude Spur, NCO at FS/8
Complex NCO Output
Phase Dither Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com