Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 2 Page - Texas Instruments

  LP5550 Datasheet HTML 1Page - Texas Instruments LP5550 Datasheet HTML 2Page - Texas Instruments LP5550 Datasheet HTML 3Page - Texas Instruments LP5550 Datasheet HTML 4Page - Texas Instruments LP5550 Datasheet HTML 5Page - Texas Instruments LP5550 Datasheet HTML 6Page - Texas Instruments LP5550 Datasheet HTML 7Page - Texas Instruments LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LP5550SQ
VBAT1
VO1
DGND
PWROK
VBATSW
SW
SWGND VBAT2
VO3
VFB
AGND
ENABLE
VO2
RESETN
SPWI
SCLK
VBATT
1 PF
10 PH
10 PF
2.2 PF
4.7 PF
VBATT
+
-
VBATT
3.0V - 5.5V
0.1 PF
10 PF
1
16
VBAT1
VO1
DGND
PWROK
ENABLE
AGND
VFB
VO3
VBAT1
VO1
DGND
PWROK
ENABLE
AGND
VFB
VO3
ABC
Bottom View
Top View
ABC
LP5550
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 2. 16-Pin WQFN Package
See Package Number RGH0016A
Typical Application
Figure 3. Typical Application Circuit
Pin Descriptions
Pin No.
Name
I/O
Type
Description
1
SCLK
I
D
PowerWise Interface (PWI) clock input
2
SPWI
I/O
D
PowerWise Interface (PWI) bi-directional data
3
RESETN
I
D
Reset, active low
4
VO2
O
A
LDO2 output, for supplying the I/O voltage on the SoC
5
VBAT1
P
P
Battery supply voltage
6
VO1
O
A
LDO1 output, for supplying a fixed voltage to a PLL etc. on the SoC
7
DGND
G
G
Digital ground
8
PWROK
O
D
Power OK, active high output signal
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com