Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 2Page - Texas Instruments LP5550 Datasheet HTML 3Page - Texas Instruments LP5550 Datasheet HTML 4Page - Texas Instruments LP5550 Datasheet HTML 5Page - Texas Instruments LP5550 Datasheet HTML 6Page - Texas Instruments LP5550 Datasheet HTML 7Page - Texas Instruments LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments LP5550 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LP5550
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
LDO3 (Memory Retention Voltage) Characteristics
Unless otherwise noted, VBAT1,2,SW , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT Accuracy
Active state: Tracking VAVS
IOUT ≤ 50mA,VOUT = 1.2V,
-3%
1.2
3%
V
3.0V
≤ VBAT1,2,SW ≤ 5.5V
Output Voltage Accuracy
Sleep state: Memory retention voltage
regulation
-3%
1.2
3%
V
IOUT ≤ 5mA,VOUT = 1.2V,
3.0V
≤ VBAT1,2,SW ≤ 5.5V
VOFFSET
IOUT = 50 mA, VOUT = 0.6 V
13
mV
Active State Buffer offset
(= VO3-VFB)
IOUT = 50 mA, VOUT = 1.2V
28
mV
VOUT Range
Programmable Output Voltage
0µA
≤ IOUT ≤ 5mA,
0.6
1.2
1.35
V
Range (Sleep state)
Programming Resolution = 50mV
IQ
Active mode, IOUT = 10µA
(4)
33
44
µA
Quiescent Current
Sleep mode, IOUT = 10µA
(4)
10
16
µA
IOUT
Recommended Output Current,
3.0V
≤ VBAT1,2,SW ≤ 5.5V
50
Active state
Recommended Output Current,
3.0V
≤ VBAT1,2,SW ≤ 5.5V
5
mA
Sleep state
Short Circuit Current Limit, Active
VOUT = 0V
230
state
eN
Output Voltage Noise
10Hz
≤ f ≤ 100kHz, COUT = 1µF
0.158
mVRMS
PSRR
Power Supply Ripple Rejection
f = 217Hz, COUT = 1.0µF
36
dB
Ratio
COUT
Output Capacitance
0.7
1
2.2
µF
0µA
≤ IOUT ≤ 5mA
Output Capacitor ESR
5
500
m
Ω
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical (Typ) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25°C control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
(4)
Quiescent current for LDO1, LDO2, and LDO3 do not include shared functional blocks such as the bandgap reference.
Switcher (Core Voltage) Characteristics
Unless otherwise noted, VBAT1,2,SW , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT Accuracy
IOUT = 150 mA, VOUT = 1.2V,
-3%
3%
3.0V < VBAT1,2,SW <5.5V
Output Voltage
V
IOUT = 100-300 mA, VOUT = 1.2V,
-1.5%
1.5%
3.0V < VBAT1,2,SW <5.5V
VOUT Range
0mA
≤ IOUT ≤ 300mA,
Programmable Output Voltage
0.6
1.2
1.2
V
Range
Programming Resolution = 4.7mV
ΔVOUT
3.0V < VBAT1,2,SW <5.5V,
Line regulation
0.18
%/V
VOUT = 1.2V, IOUT = 10 mA
VBAT1,2,SW = 3.6V , VOUT = 1.2V,
Load regulation
0.0019
%/mA
IOUT = 100-300mA
IQ
Quiescent current consumption
IOUT = 0mA
15
30
µA
RDSON(P)
P-FET resistance
VBAT1,2,SW = VGS = 3.6V
360
690
m
Ω
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical (Typ) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25°C control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com