Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 3Page - Texas Instruments LP5550 Datasheet HTML 4Page - Texas Instruments LP5550 Datasheet HTML 5Page - Texas Instruments LP5550 Datasheet HTML 6Page - Texas Instruments LP5550 Datasheet HTML 7Page - Texas Instruments LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments LP5550 Datasheet HTML 10Page - Texas Instruments LP5550 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LP5550
www.ti.com
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
Switcher (Core Voltage) Characteristics (continued)
Unless otherwise noted, VBAT1,2,SW , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RDSON(N)
N-FET resistance
VBAT1,2,SW = VGS = 3.6V
250
660
m
Ω
ILIM
Switch peak current limit
3.0V < VBAT1,2,SW <5.5V, Open Loop
350
620
750
mA
fOSC
Internal oscillator frequency
PWM-mode
800
1000
1360
kHz
COUT
Output Capacitance
5
10
22
µF
0mA
≤ IOUT ≤ 300mA
Output Capacitor ESR
5
500
m
Ω
L
Inductor inductance
0uA
≤ IOUT ≤ 300mA
4.7 / 10
µH
RVFB
VFB pin resistance to ground
120
650
k
Ω
Logic and Control Inputs
Unless otherwise noted, VBAT1,2,SW , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
ENABLE, RESETN, SPWI, SCLK
Input Low Level
0.2
V
3.0V
≤ VBAT1 ≤ 5.5V
VIH
Input High Level
ENABLE, RESETN 3.0V
≤ VBAT1 ≤ 5.5V
2
V
VIH_PWI
Input High Level, PWI
SPWI, SCLK, 1.5V
≤VO2 ≤ 3.3V
VO2-0.2V
V
IIL
Logic Input Current
ENABLE, RESETN, 0V
≤ VBAT1 ≤ 5.5V
-5
5
µA
IIL_PWI
Logic Input Current, PWI
SPWI, SCLK, 1.5V
≤ VO2 ≤ 3.3V
-5
15
µA
RPD_PWI
Pull-down resistance for PWI
0.5
1
2.25
M
Ω
signals
TEN_LOW
ENABLE pulsed high - low - high from
100
SHUTDOWN state
Minimum low pulse width to enter
µsec
STARTUP state
ENABLE pulsed high - low - high from
4
SLEEP or ACTIVE state
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical (Typ) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25°C control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
Logic and Control Outputs
Unless otherwise noted, VBAT1,2,SW , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for
TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output low level
PWROK, SPWI, ISINK ≤ 1 mA
0.4
V
VOH
Output high level
PWROK, ISOURCE ≤ 1 mA
VBAT1-0.4V
V
VOH_PWI
Output high level, PWI
SPWI, ISOURCE ≤ 1 mA
VO2-0.4V
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical (Typ) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25°C control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com