Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 7Page - Texas Instruments LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments LP5550 Datasheet HTML 10Page - Texas Instruments LP5550 Datasheet HTML 11Page - Texas Instruments LP5550 Datasheet HTML 12Page - Texas Instruments LP5550 Datasheet HTML 13Page - Texas Instruments LP5550 Datasheet HTML 14Page - Texas Instruments LP5550 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
20 Ps/DIV
VO3
SCLK
200 mV/DIV
2V/DIV
200 mV/DIV
VOSW
20 Ps/DIV
VO3
SCLK
200 mV/DIV
2V/DIV
VOSW
200 mV/DIV
VOUT (50 mV/Div)
ILOAD = 300 mA
TIME (100 Ps/DIV)
ILOAD = 100 mA
Inductor Current = 200 mA/
Div
VOUT (50 mV/Div)
ILOAD = 70 mA
TIME (100 Ps/DIV)
ILOAD = 0 mA
Inductor Current = 200 mA/Div
3.
0
3.
5
4.
0
4.
5
5.
0
5.
5
1.10
M
1.07
M
1.05
M
1.02
M
996.00
k
970.00
k
T
A
=
85°C
T
A
=
25°C
T
A
= -
40°C
VIN (V)
VOUT (50 mV/Div)
ILOAD = 0 mA
TIME (100 Ps/DIV)
ILOAD = 280 mA
LP5550
www.ti.com
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise stated: VIN=3.6V
Load Transient Response
Switching Frequency vs. VIN
Switcher, Automatic PWM/PFM Transition
Figure 17.
Figure 18.
Load Trainsient Response
Load Transient Response
Switcher, PWM only
Switcher, PFM only
Figure 19.
Figure 20.
VOUT Transient Response
VOUT Transient Response
Min to Max Transient
Max to Min Transient
Figure 21.
Figure 22.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com