Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments LP5550 Datasheet HTML 10Page - Texas Instruments LP5550 Datasheet HTML 11Page - Texas Instruments LP5550 Datasheet HTML 12Page - Texas Instruments LP5550 Datasheet HTML 13Page - Texas Instruments LP5550 Datasheet HTML 14Page - Texas Instruments LP5550 Datasheet HTML 15Page - Texas Instruments LP5550 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TIME (1 Ps/DIV)
VSWITCH
(5V/Div)
VOUT
(20 mV/Div)
Inductor Current
(200 mA/Div)
ILOAD = 150 mA
TIME (2 Ps/DIV)
VSWITCH
(5V/Div)
VOUT
(20 mV/Div)
Inductor Current
(100 mA/Div)
1.0e1
1.0e2
1.0e3
IOUT (mA)
70.0
75.0
80.0
85.0
90.0
95.0
VIN = 3.6V
VIN = 3V
VIN = 4.2V
VIN = 5.5V
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
490.0
506.0
522.0
538.0
554.0
570.0
TA = -40°C
TA = 25°C
TA = 85°C
LP5550
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise stated: VIN=3.6V
Switch Current Limit vs. VIN
Efficiency vs. Load (Switcher)
Figure 23.
Figure 24.
Switching Waveforms PWM
Switching Waveforms PFM
Figure 25.
Figure 26.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com