Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 1 Page - Texas Instruments

  LP5550 Datasheet HTML 1Page - Texas Instruments LP5550 Datasheet HTML 2Page - Texas Instruments LP5550 Datasheet HTML 3Page - Texas Instruments LP5550 Datasheet HTML 4Page - Texas Instruments LP5550 Datasheet HTML 5Page - Texas Instruments LP5550 Datasheet HTML 6Page - Texas Instruments LP5550 Datasheet HTML 7Page - Texas Instruments LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SCLK
SPWI
FB
SW
VO1
VO2
VBAT
ENABLE
PWROK
RESETN
PLL
Embedded Memory
Advanced Power
Controller (APC)
LP5550
VO3
PWI
AVS
Hardware Performance
Monitor (HPM)
Processor Core
AVS/DVS domain
I/O Bus
Slave Power
Controller
(SPC)
LDO1
LDO2
LDO3
SW
SoC
LP5550
www.ti.com
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
LP5550 PowerWise™ Technology Compliant Energy Management Unit
Check for Samples: LP5550
1
FEATURES
DESCRIPTION
The
LP5550
is
a
PWI
1.0
compliant
Energy
2
•
Supports High-Efficiency PowerWise
Management
System
for
reducing
power
Technology Adaptive Voltage Scaling
consumption of stand-alone mobile phone processors
•
PWI Open Standard Interface for System
such as base-band or applications processors.
Power Management
The
LP5550
contains
an
advanced,
digitally
•
Digitally Controlled Intelligent Voltage Scaling
controlled switching regulator for supplying variable
•
1 MHz PWM Switching Frequency
voltage to processor core and memory. The device
also incorporates 3 programmable LDO-regulators for
•
Auto or PWI Controlled PFM Mode Transition
powering
I/O,
PLLs
and
maintaining
memory
•
Internal Soft Start/Startup Sequencing
retention in shutdown-mode.
•
3 Programmable LDOs for I/O, PLL, and
The device is controlled via the PWI open-standard
Memory Retention Supply Generation
interface. The LP5550 operates cooperatively with
•
Power OK Output
PowerWise technology compatible processors to
optimize supply voltages adaptively over process and
APPLICATIONS
temperature
variations
or
dynamically
using
frequency/voltage pre-characterized look-up tables.
•
GSM/GPRS/EDGE & UMTS Cellular Handsets
•
Hand-Held Radios
•
PDAs
•
Battery Powered Devices
•
Portable Instruments
System Diagram
Figure 1. System Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
PowerWise Technology Compliant Energy Management Unit
LP5550SQ NSC-LP5550SQ Datasheet
1Mb / 25P
PowerWise Technology Compliant Energy Management Unit
LP5550SQX NSC-LP5550SQX Datasheet
1Mb / 25P
PowerWise Technology Compliant Energy Management Unit
More results

Similar Description - LP5550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
PowerWise Technology Compliant Energy Management Unit
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
Energy Management Energy Analyzer
logo
National Semiconductor ...
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
PowerWise짰 AVS Energy Management Unit with SPMI
logo
Texas Instruments
LM10500 TI-LM10500_15 Datasheet
1Mb / 40P
5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com