Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 17Page - Texas Instruments LP5550 Datasheet HTML 18Page - Texas Instruments LP5550 Datasheet HTML 19Page - Texas Instruments LP5550 Datasheet HTML 20Page - Texas Instruments LP5550 Datasheet HTML 21Page - Texas Instruments LP5550 Datasheet HTML 22Page - Texas Instruments LP5550 Datasheet HTML 23Page - Texas Instruments LP5550 Datasheet HTML 24Page - Texas Instruments LP5550 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
IRMS_CIN = IOUT
VOUT x (VIN - VOUT)
VIN
(A)
ICL_AVG = ICL_PK - ' iL
= ICL_PK -
D x (VIN - VOUT)
2 x L x fS
0.4 -
D x (VIN - VOUT)
20
|
fS = 1 MHz,
L = 10 PH
,
0.4 -
D x (VIN - VOUT)
9.4
|
fS = 1 MHz,
L = 4.7 PH
,
IL(MAX) = ILOAD(MAX) + ' iL(MAX)
= ILOAD(MAX) +
,
= ILOAD(MAX) +
D x (VIN(MAX) - VOUT)
2 x L x fS
= ILOAD(MAX) +
D x (VIN(MAX) - VOUT)
20
D x (VIN(MAX) - VOUT)
9.4
,
(A)
(A)
fS = 1 MHz,
L = 10 PH
fS = 1 MHz,
L = 4.7 PH
PWI
Voltages
Shutdown Command
OFF
OFF
On
Off
EN and
RESETN
LP5550
www.ti.com
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
Figure 29. ENABLE and RESETN Operation
INDUCTOR
A 10uH or 4.7uH inductor should be used with the LP5550. The inductor should be rated to handle the peak load
current plus the ripple current:
(3)
CURRENT LIMIT
The switching converter in the LP5550 detects the peak inductor current and limits it for protection (see Electrical
Characteristics table and/or Typical Performance Characteristics section). To determine the average current limit
from the peak current limit, the inductor size, input and output voltage, and switching frequency must be known.
The LP5550 is designed to work with a 4.7uH or 10uH inductor, so:
(4)
INPUT CAPACITOR
The input capacitor to the switching converter supplies the AC switching current drawn from the switching action
of the internal power FETs. The input current of a buck converter is discontinuous, so the ripple current supplied
by the input capacitor is large. The input capacitor must be rated to handle this current:
(5)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com