Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 4 Page - Texas Instruments

  LP5550 Datasheet HTML 1Page - Texas Instruments LP5550 Datasheet HTML 2Page - Texas Instruments LP5550 Datasheet HTML 3Page - Texas Instruments LP5550 Datasheet HTML 4Page - Texas Instruments LP5550 Datasheet HTML 5Page - Texas Instruments LP5550 Datasheet HTML 6Page - Texas Instruments LP5550 Datasheet HTML 7Page - Texas Instruments LP5550 Datasheet HTML 8Page - Texas Instruments LP5550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LP5550
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
Operating Ratings
(1) (2)
VBAT1, VBAT2, VBATSW
3.0V to 5.5V
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
(3)
−40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-
OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance
of the part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
(4)
Junction-to-Ambient Thermal Resistance (
θJA)
39.8°C/W
(4)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4-layer FR-4 board measuring 102mm x 76mm x 1.6mm with a 2x1 array of
thermal vias. The ground plane on the board is 50mm x 50mm. Thickness of copper layers are 36µm/18µm/18µm/36µm
(1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W.Junction-to-ambient thermal
resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists, special care
must be paid to thermal dissipation issues in board design.The value of
θJA of this product can vary significantly, depending on PCB
material, layout, and environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT),
special care must be paid to thermal dissipation issues. For more information on these topics, please refer to Application Note AN-1187:
Leadless Leadframe Package (LLP) (SNOA401) and the Power Efficiency and Power Dissipation section of this datasheet.
General Electrical Characteristics
Unless otherwise noted, VBAT1,2,SW, RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for TJ
= 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to +125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Shutdown Supply current
VBAT1,2,SW = 2.0V, all circuits off.
1
6
µA
VBAT1,2,SW = 3.6V, LDO3 (VO3) on, PWI
Sleep State Supply Current
70
85
µA
on. All other circuits off.
Acitve State Supply Current
VBAT1,2,SW = 3.6V, LDOs 1 and 2 on,
140
165
µA
(No load, PFM mode)
Switcher on, PWI on.
TSD
Thermal Shutdown Threshold
160
°C
Thermal Shutdown Hysteresis
10
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical (Typ) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25°C control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
LDO1 (PLL/Fixed Voltage) Characteristics
Unless otherwise noted, VBAT1,2,SW, RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for TJ
= 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to +125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT Accuracy
1mA
≤ IOUT ≤ 100mA, VOUT = 1.2V,
Output Voltage Accuracy
-3%
1.2
3%
V
3.0V
≤ VBAT1,2,SW ≤ 5.5V
VOUT Range
Programmable Output Voltage
0µA
≤ IOUT ≤ 100mA,
0.7
1.2
2.2
V
Range
Programming Resolution = 100mV
IOUT
Recommended Output Current
3.0V
≤ VBAT1,2,SW ≤ 5.5V
100
mA
Short Circuit Current Limit
VOUT = 0V
350
IQ
Quiescent Current
IOUT = 0mA
(4)
35
45
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical (Typ) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25°C control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
(4)
Quiescent current for LDO1, LDO2, and LDO3 do not include shared functional blocks such as the bandgap reference.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com