Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 13Page - Texas Instruments LP5550 Datasheet HTML 14Page - Texas Instruments LP5550 Datasheet HTML 15Page - Texas Instruments LP5550 Datasheet HTML 16Page - Texas Instruments LP5550 Datasheet HTML 17Page - Texas Instruments LP5550 Datasheet HTML 18Page - Texas Instruments LP5550 Datasheet HTML 19Page - Texas Instruments LP5550 Datasheet HTML 20Page - Texas Instruments LP5550 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LP5550
www.ti.com
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
R10 - R14 – Unused Registers
Address 0xA, 0xB, 0xC, 0xD, 0xE
Type R/W
Reset Default 8h’00
Bit
Field Name
Description or Comment
7:0
Unused
Write transactions to this register are ignored. Read transactions will return a “No
Response Frame.” A no response frame contains all zeros (see PWI 1.0 specification)
frame.
R15 - Manufacturer Register
Adress 0xF
Type R/W
Reset Default 8h'00
Bit
Field Name
Description or Comment
7:0
Reserved
Do not write to this register
Operation Description
DEVICE INFORMATION
The LP5550 is a PowerWise Interface (PWI) compliant power management unit (PMU) for application or
baseband processors in mobile phones or other portable equipment. It operates cooperatively with processors
using Texas Instruments' Advanced Power Controller (APC) to provide Adaptive or Dynamic Voltage Scaling
(AVS, DVS) which drastically improves processor efficiencies compared to conventional power delivery methods.
The LP5550 consists of a high efficiency switching DC/DC buck converter to supply the AVS or DVS voltage
domain, three LDOs for supplying the logic, PLL, and memory, and PWI registers and logic.
OPERATION STATE DIAGRAM
The LP5550 has four operating states: Start-up, Active, Sleep and Standby.
The Start-up state is the default state after reset. All regulators are off and PWROK output is ‘0’. The device will
power up when the external enable-input is pulled high. After the power-up sequence LP5550 enters the Active
state.
In the Active state all regulators are on and PWROK-output is ‘1’. Immediately after Start-up the output voltages
are at their default levels. LP5550 can be turned off by supplying the Shutdown command over PWI, or by setting
ENABLE and/or RESETN to '0'. The LP5550 can be switched to the Sleep state by issuing the Sleep command.
In the Sleep state the core voltage regulator is off, but the PWROK output is still ‘1’. The memory voltage
regulator (VO3) provides the programmed memory retention voltage. LDO1 and LDO2 are on. The LP5550 can
be activated from the Sleep state by giving the Wake-up command. This resumes the last programmed Active
state configuration. The device can also be switched off by giving the Shutdown command, or by setting
ENABLE and/or RESETN to ‘0’
In the Shutdown-state all output voltages are ‘0’, and PWROK-signal is ‘0’ as well. The LP5550 can exit the
Shutdown-state if either ENABLE or RESETN is ‘0’. In either case the device moves to the Start-up state. See
the ENABLE
Figure 27 shows the LP5550 state diagram. The figure assumes that supply voltage to the regulator IC is in the
valid range.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com