Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5550
Description  LP5550 PowerWise??Technology Compliant Energy Management Unit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5550 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5550 Datasheet HTML 9Page - Texas Instruments LP5550 Datasheet HTML 10Page - Texas Instruments LP5550 Datasheet HTML 11Page - Texas Instruments LP5550 Datasheet HTML 12Page - Texas Instruments LP5550 Datasheet HTML 13Page - Texas Instruments LP5550 Datasheet HTML 14Page - Texas Instruments LP5550 Datasheet HTML 15Page - Texas Instruments LP5550 Datasheet HTML 16Page - Texas Instruments LP5550 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LP5550
www.ti.com
SNVS378G – OCTOBER 2005 – REVISED APRIL 2013
LP5550 PWI Register Map
The PWI standard supports sixteen 8-bit registers on the PWI slave. The table below summarizes these registers
and shows default register bit values after reset. The following sub-sections provide additional detail on the use
of each individual register.
Table 1. Summary
Register
Register
Reset Default Value
Register Usage
Type
Address
Name
7
6
5
4
3
2
1
0
0x0
R0
Core voltage
R/W
0
1
1
1
1
1
1
1
0x1
R1
Unused
R/W
-
-
-
-
-
-
-
-
0x2
R2
Memory retention voltage
R/W
0
1
1
0
0
-
-
-
0x3
R3
Status register
R/O
0
0
0
0
1
1
1
1
0x4
R4
PWI version number
R/O
0
0
0
0
0
0
0
1
0x5
R5
Unused
R/W
-
-
-
-
-
-
-
-
0x6
R6
Unused
R/W
-
-
-
-
-
-
-
-
0x7
R7
LDO2 voltage
R/W
0
1
1
1
1
-
-
-
0x8
R8
LDO1 voltage
R/W
0
0
1
0
1
-
-
-
0x9
R9
PFM/PWM force
R/W
0
0
-
-
-
-
-
-
0xA
R10
Unused
R/W
-
-
-
-
-
-
-
-
0xB
R11
Unused
R/W
-
-
-
-
-
-
-
-
0xC
R12
Unused
R/W
-
-
-
-
-
-
-
-
0xD
R13
Unused
R/W
-
-
-
-
-
-
-
-
0xE
R14
Unused
R/W
-
-
-
-
-
-
-
-
0xF
R15
Reserved
R/W
-
-
-
-
-
-
-
-
R0 - Core Voltage Register
Address 0x0
Type R/W
Reset Default 8h’7F
Bit
Field Name
Description or Comment
7
Sign
This bit is fixed to ‘0’. Reading this bit will result in a ‘0’. Any data written into this bit
position using the Register Write command is ignored.
6:0
Voltage
Core voltage value. Default value is in bold.
Voltage Data Code [7:0]
Voltage Value (V)
7h’00
0.6
7h’xx
Linear scaling
7h’7f
1.2 (default)
R1 - Unused Register
Address 0x1
Type R/W
Reset Default 8h’00
Bit
Field Name
Description or Comment
7:0
Unused
Write transactions to this register are ignored. Read transactions will return a “No
Response Frame.” A no response frame contains all zeros (see PWI 1.0 specification).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com