Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 107Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 108Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 109Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 110Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 111Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 112Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 113Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 114Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.10 External Memory Interface A (EMIFA)
The EMIFA can interface to a variety of external devices or ASICs, including:
•
Pipelined and flow-through synchronous-burst SRAM (SBSRAM)
•
ZBT (zero bus turnaround) SRAM and late write SRAM
•
Synchronous FIFOs
•
Asynchronous memory, including SRAM, ROM, and Flash
6.10.1 EMIFA Device-Specific Information
Timing analysis must be done to verify all ac timing requirements are met. TI recommends utilizing I/O
buffer information specification (IBIS) to analyze all ac timing.
To properly use IBIS models to attain accurate timing analysis for a given system, see the Using IBIS
Models for Timing Analysis Application Report (literature number SPRA839).
To maintain signal integrity, serial termination resistors should be inserted into all EMIFA output signal
lines.
A race condition may exist when certain masters write data to the EMIFA. For example, if master A
passes a software message via a buffer in external memory and does not wait for indication that the write
completes, when master B attempts to read the software message, then the master B read may bypass
the master A write and, thus, master B may read stale data and, therefore, receive an incorrect message.
Some master peripherals (e.g., EDMA3 transfer controllers) will always wait for the write to complete
before signaling an interrupt to the system, thus avoiding this race condition. For masters that do not have
hardware specification of write-read ordering, it may be necessary to specify data ordering via software.
If master A does not wait for indication that a write is complete, it must perform the following workaround:
1. Perform the required write.
2. Perform a dummy write to the EMIFA module ID and revision register.
3. Perform a dummy read to the EMIFA module ID and revision register.
4. Indicate to master B that the data is ready to be read after completion of the read in step 3. The
completion of the read in step 3 ensures that the previous write was done.
6.10.2 EMIFA Peripheral Register Description(s)
For more information on the EMIF registers shown in Table 6-41, see TMS320DM647/DM648 DSP
External Memory Interface (EMIF) User's Guide (literature number SPRUEK6).
Table 6-41. EMIFA Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x7000 0000
MIDR
Module ID and Revision Register
0x7000 0004
STAT
Status Register
0x7000 0008
-
Reserved
0x7000 000C - 0x7000 001C
-
Reserved
0x7000 0020
BPRIO
Burst Priority Register
0x7000 0024 - 0x7000 004C
-
Reserved
0x7000 0050 - 0x7000 007C
-
Reserved
0x7000 0080
CE2CFG
EMIFA CE2 Configuration Register
0x7000 0084
CE3CFG
EMIFA CE3 Configuration Register
0x7000 0088
-
Reserved
0x7000 008C
-
Reserved
0x7000 0090 - 0x7000 009C
-
Reserved
0x7000 00A0
AWCC
EMIFA Async Wait Cycle Configuration Register
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
111
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com