Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 108Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 109Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 110Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 111Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 112Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 113Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 114Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 115Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 190 page
background image
AECLKIN
2
3
4
4
5
1
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-41. EMIFA Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x7000 00A4 - 0x7000 00BC
-
Reserved
0x7000 00C0
INTRAW
EMIFA Interrupt RAW Register
0x7000 00C4
INTMSK
EMIFA Interrupt Masked Register
0x7000 00C8
INTMSKSET
EMIFA Interrupt Mask Set Register
0x7000 00CC
INTMSKCLR
EMIFA Interrupt Mask Clear Register
0x7000 00D0 - 0x7000 00DC
-
Reserved
0x7000 00E0 - 0x77FF FFFF
-
Reserved
6.10.3 EMIFA Electrical Data/Timing
Table 6-42. Timing Requirements for AECLKIN for EMIFA(1) (2) (see Figure 6-19)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
1
tc(EKI)
Cycle time, AECLKIN
6(3)
16P(4)
ns
2
tw(EKIH)
Pulse duration, AECLKIN high
2.7
ns
3
tw(EKIL)
Pulse duration, AECLKIN low
2.7
ns
4
tt(EKI)
Transition time, AECLKIN
2
ns
5
tJ(EKI)
Period Jitter, AECLKIN
0.02E(5)
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
E = the EMIF input clock (AECLKIN or SYSCLK4/2) period in ns for EMIFA.
(3)
Minimum AECLKIN cycle times must be met, even when AECLKIN is generated by an internal clock source. Minimum AECLKIN times
are based on internal logic speed; the maximum useable speed of the EMIF may be lower due to AC timing requirements.
(4)
P is P = 1/CPU clock frequency in ns.
(5)
This timing applies only when AECLKIN is used for EMIFA.
Figure 6-19. AECLKIN Timing for EMIFA
Table 6-43. Switching Characteristics Over Recommended Operating Conditions for AECLKOUT for the
EMIFA Module(1) (2) (3) (see Figure 6-20)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(EKO)
Cycle time, AECLKOUT
E - 0.7
E + 0.7
ns
2
tw(EKOH)
Pulse duration, AECLKOUT high
EH - 0.7
EH + 0.7
ns
3
tw(EKOL)
Pulse duration, AECLKOUT low
EL - 0.7
EL + 0.7
ns
4
tt(EKO)
Transition time, AECLKOUT
1
ns
5
td(EKIH-EKOH)
Delay time, AECLKIN high to AECLKOUT high
1
8
ns
6
td(EKIL-EKOL)
Delay time, AECLKIN low to AECLKOUT low
1
8
ns
(1)
E = the EMIF input clock (AECLKIN or SYSCLK4/2) period in ns for EMIFA.
(2)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(3)
EH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns for EMIFA.
112
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com