Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 109Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 110Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 111Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 112Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 113Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 114Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 115Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 116Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 190 page
background image
4
5
1
2
AECLKIN
AECLKOUT
3
3
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
A.
E = the EMIF input clock (AECLKIN or SYSCLK4/2) period in ns for EMIFA.
B.
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
C.
EH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns
for EMIFA.
Figure 6-20. AECLKOUT Timing for the EMIFA Module
6.10.3.1 Asynchronous Memory Timing
Table 6-44. Timing Requirements for Asynchronous Memory Cycles for EMIFA Module(1) (2) (3)
(see Figure 6-21 and Figure 6-22)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
3
tsu(EDV-A OEH)
Setup time, AEDx valid before AAOE/ASOE high
6.5
ns
4
th(AOEH-EDV)
Hold time, AEDx valid after AAOE/ASOE high
0
ns
5
tsu(ARDY-EKOH)
Setup time, AARDY valid before AECLKOUT low
1
ns
6
th(EKOH-ARDY)
Hold time, AARDY valid after AECLKOUT low
2
ns
7
tw(ARDY )
Pulse width, AARDY assertion and deassertion
2E + 5
ns
Delay time, from AARDY sampled deasserted on AECLKOUT falling
8
td(ARDY-HOLD)
4E
ns
to beginning of programmed hold period
Setup time, before end of programmed strobe period by which
9
tsu(ARDY-HOLD)
AARDY should be asserted in order to insert extended strobe wait
2E
ns
states.
(1)
E = AECLKOUT period in ns for EMIFA
(2)
To specify data setup time, simply program the strobe width wide enough.
(3)
AARDY is internally synchronized. To use AARDY as an asynchronous input, the pulse width of the AARDY signal should be at least 2E
to specify setup and hold time is met.
Table 6-45. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for EMIFA Module(1) (2) (3) (see Figure 6-21 and Figure 6-22)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
MAX
1
tosu(SELV-AOEL)
Output setup time, select signals valid to AAOE/ASOE low
RS × E - 1.5
ns
2
toh(AOEH-SELIV)
Output hold time, AAOE/ASOE high to select signals invalid
RS × E - 1.9
ns
10
td(EKOH-AOEV)
Delay time, AECLKOUT high to AAOE/ASOE valid
1
7.28
ns
11
tosu(SELV-AWEL)
Output setup time, select signals valid to AAWE/ASWE low
WS × E - 1.7
ns
12
toh(AWEH-SELIV)
Output hold time, AAWE/ASWE high to select signals invalid
WH × E - 1.8
ns
13
td(EKOH-AWEV)
Delay time, AECLKOUT high to AAWE/ASWE valid
1.3
7.1
ns
(1)
E = AECLKOUT period in ns for EMIFA
(2)
RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters
are programmed via the EMIFA CE Configuration registers (CEnCFG).
(3)
Select signals for EMIFA include: ACEx, ABE[1:0], AEA[23:0], ABA[1:0]; and for EMIFA writes, also include AR/W, AED[15:0].
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
113
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com