Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 25Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 26Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 27Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 31Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
DSP Subsystem Functional Overview
19
June 2001 -- Revised December 2002
SPRS180C
Table 3--3. McBSP Control Registers and Subaddresses
McBSP0
McBSP1
SUB
DESCRIPTION
NAME
ADDRESS
NAME
ADDRESS
SUB
ADDRESS
DESCRIPTION
SPCR10
39h
SPCR11
49h
00h
Serial port control register 1
SPCR20
39h
SPCR21
49h
01h
Serial port control register 2
RCR10
39h
RCR11
49h
02h
Receive control register 1
RCR20
39h
RCR21
49h
03h
Receive control register 2
XCR10
39h
XCR11
49h
04h
Transmit control register 1
XCR20
39h
XCR21
49h
05h
Transmit control register 2
SRGR10
39h
SRGR11
49h
06h
Sample rate generator register 1
SRGR20
39h
SRGR21
49h
07h
Sample rate generator register 2
MCR10
39h
MCR11
49h
08h
Multichannel register 1
MCR20
39h
MCR21
49h
09h
Multichannel register 2
RCERA0
39h
RCERA1
49h
0Ah
Receive channel enable register partition A
RCERB0
39h
RCERB1
49h
0Bh
Receive channel enable register partition B
XCERA0
39h
XCERA1
49h
0Ch
Transmit channel enable register partition A
XCERB0
39h
XCERB1
49h
0Dh
Transmit channel enable register partition B
PCR0
39h
PCR1
49h
0Eh
Pin control register
3.3.1 Bank-Switching Control Register
The 5471 bank-switching control register (BSCR) controls both the bank-switching wait-state generation
functions that are consistent with the 5409, and several 5471-specific features. These special features include
control of configuration of some DSP subsystem external memory interface functionality and some aspects
of the interface whereby the MCU may access a portion of the DSP subsystem RAM. The BSCR is shown
in Figure 3--5 and the bits are described in Table 3--4.
The BSCR register also gives the DSP some control over the ARM programming interface, the mechanism
which enables the MCU to access portions of the DSPs internal RAM. Included are the API mode (APIMODE),
an interrupt to the MCU (HINT), and DSP memory map selection (ABMDIS).
15
12
11
10
5
4
3
2
1
0
BNKCMP
PS--DS
Reserved
ABM
DIS
HINT
API
MODE
Reserved
EXIO
R/W-1111
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write
Figure 3--5. Bank-Switching Control Register (BSCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com