Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 92 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 88Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 89Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 90Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 91Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 92Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 93Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 94Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 95Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
Electrical Specifications
82
June 2001 -- Revised December 2002
SPRS180C
The ARM SRAM read timing requirements listed in Table 6--37 represent back-to-back read operations to a
zero-wait-state SRAM device.
Table 6--37. ARM SRAM Timing Requirements (Read)
MIN
MAX
UNIT
1
td(CSL-AV)
Delay time, address valid from CS low
-- 3
4
ns
2
td(CSL--BHEV1)
Delay time, byte enable high valid 1 from CS low
-- 3
4
ns
3
td(CSL-OEL)
Delay time, output enable low from CS low
-- 3
4
ns
4
td(CSL-AIV1)
Delay time, address invalid 1 from CS low
E-- 3†
E+ 4†
ns
5
tw(CSL)
Pulse duration, CS low
2E -- 3.5†
2E + 3.5†
ns
6
tsu(CSL-DV1)
Setuptime, datavalid1fromCS low
E-- 12†
ns
7
td(CSL--AIV2)
Delay time, address invalid 2 from CS low
2E -- 3†
2E + 4†
ns
8
th(CSL--DIV1)
Hold time, data invalid 1 from CS low
E-- 1†
ns
9
tsu(CSL--DV2)
Setuptime, datavalid2fromCS low
2E -- 12†
ns
10 td(CSL--BEIV1)
Delay time, byte enable invalid 1 from CS low
E-- 4†
E+ 4†
ns
11 td(CSL--BEV2)
Delay time, byte enable valid 2 from CS low
E-- 2†
E+ 6†
ns
12 th(CSL--DIV2)
Hold time, data invalid 2 from CS low
2E -- 1†
ns
13 td(CSL--BEIV2)
Delay time, byte enable invalid 2 from CS low
2E -- 4†
2E + 4†
ns
14 td(CSL--OEH)
Delay time, output enable high from CS low
2E -- 3†
2E + 4†
ns
† E= tw(ARM--R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com