Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 43Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 47Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
MCU Subsystem Functional Overview
35
June 2001 -- Revised December 2002
SPRS180C
•
Operation
--
MCU software has to manage RX/TX events (by interrupt or polling) on MCU queues. Packets could
be processed directly in EIM packet memory or could be transferred to general-purpose MCU
memory to release descriptors as soon as possible.
--
If multicast subscribing/unsubscribing is desired on MCU port, the MCU software has to compute a
new value of the logical address hash filter and reprogram it on the ENET.
•
ENET DMA operations are limited to the 16 KB packet RAM. ENET cannot see the whole MCU memory
space. Bits 31--16 of addresses are not significant.
•
ENET interrupts are grouped into one EIM interrupt. Interrupt status is accessible through the EIM status
register.
4.3.2 MCU Universal Asynchronous Receiver/Transmitter (UART) Interfaces
The UART modules perform serial-to-parallel conversion on data characters received and parallel-to-serial
conversion on data characters transmitted by the processor.
4.3.2.1
UART Modes
UART mode supports data transmission and data reception via two 64-word-deep FIFOs. Five different parity
types are enabled, with three different stop bit formats. The word length is between 5 and 8, and line break
can be generated and detected. The baud rate is generated from the MCU subsystem clock by a
programmable divisor. All transmitting parameters can be detected in reception mode by an auto-bauding
mechanism that recognizes speed, word size, parity, and the number of stop bits. Software flow control is
available in the UART/IrDA when in UART mode. The UART/modem supports both software and hardware
flow control when in UART mode. Hardware flow control can reduce the MCU software overhead required
to process data interrupts.
UART/Modem Mode
The UART/modem provides an autobauding mechanism. All operations are controllable either via a software
interface or using hardware flow control signals.
The UART/Modem provides five external pin signals (multiplexed with GPIO pins):
•
GPIO09/TX_MODEM: Output - transmit data
•
GPIO10/RX_MODEM: Input - receive data
•
GPIO11/CTS_MODEM: Input - clear to send
•
GPIO12/RTS_MODEM: Output - request to send
•
GPIO13/DCD_MODEM: Output - data carrier detected
The UART/modem features:
•
Line-break generation and detection
•
Interrupt system control
•
Loop-back capabilities for internal test
•
The autobauding supports speeds between 1200 and 115.2 Kbits/s.
•
Hardware flow control (DCD, RTS, CTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com