Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 49Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 50Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 51Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 52Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 53Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 54Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 55Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
MCU Subsystem Functional Overview
42
June 2001 -- Revised December 2002
SPRS180C
4.5
MCU Peripheral Clock Management
The 5471 device is clocked by the external clock input, REFCLK. The 5471 REFCLK input does not provide
a clock oscillator, so it must be driven by a square-wave input signal that meets VIH and VIL requirements.
Both subsystems (DSP and MCU) derive their clocks from REFCLK using software-programmable PLLs.
Immediately following reset or power up, the contents of the respective CLKMD registers for both subsystems
depend on the status of the programmable internal ports on their respective PLLs. For the MCU subsystem,
these internal ports are hardwired so that the programmable capability of default mode is not available. For
the DSP subsystem, the programmable internal ports to the DSP PLL are connected to the output of a register
(DSP_REG) that is controlled by the RISC processor. This allows the DSP PLL default values to be
programmable under the control of the MCU subsystem. The clock management scheme is shown in
Figure 4--3.
÷ 2(N+1)
ARM_clock
AUDIO_CLK
REFCLK
PLL_DSP
DSP_clock
ARM
PLL_ARM
÷ D
Power-
Down
Module
Shut-down
DSP
EIM
UART
IrDA
UART
SPI
I2C
EIM_clock
D=512
TIMER
Select_ARM_clk
INTH
Asynchronous
wake-up
IrDA _clock
UART_clock
SPI_clock
I2C_clock
TIMER_clock
Interrupts
from
peripherals
GPIO
GPIO_clock
Shut-down
Figure 4--3. Clock Management Module
The MCU subsystem operates in one of three modes: PLL (normal) mode, DIV mode, or power-down mode.
In power-down mode, the input clock frequency is divided by a large value (512 -- 1023). Configuring the
operation of the MCU subsystem clock module in power-down mode and using divisor values below 512 will
result in stopping the clock.
Similar to the DSP clock, the MCU subsystem clock is also derived from the scaled version of the input clock,
REFCLK. The PLL used by the RISC has the same look and feel as the DSP PLL. For this reason, the RISC
processor uses the same minimum input-clock-frequency restriction and scaling values as the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com