Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 87 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 83Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 84Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 85Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 86Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 87Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 88Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 89Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 90Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
Electrical Specifications
77
June 2001 -- Revised December 2002
SPRS180C
Table 6--31. I2C Bus Device Timing Requirements (STOP and START Conditions)
STANDARD
MODE
FAST
MODE
UNIT
MIN
MAX
MIN
MAX
UNIT
th(SDAL--SCLL1)
Hold time, SCL low from SDA low (START condition)
4
0.6
μs
tsu(SCLH-SDAH)
Setup time, SDA high from SCL high (STOP condition)
4
0.6
μs
tw(SDAH)
Pulse duration, SDA high. Bus free time between a STOP and START
condition.
4.7
1.3
μs
SCL
SDA
tw(SDAH)
th(SDAL--SCLL1)
th(SDAL--SCLL1)
tsu(SCLH--SDAH)
Figure 6--31. I2C Bus Timings (STOP and START Conditions)
Table 6--32. I2C Bus Device Timing Requirements (Repeated START Condition)
STANDARD
MODE
FAST
MODE
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(SCLH--SDAL)
Setup time, SDA low after SCL high
4.7
0.6
μs
td(SDAL--SCLL2)
Hold time, SCL low after SDA low
4
0.6
μs
SCL
SDA
tsu(SCLH--SDAL)
Repeated
Start
th(SDAL--SCLL2)
Figure 6--32. I2C Bus Timings (Repeated START Condition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com