Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 47Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 49Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 50Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 51Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 52Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
MCU Subsystem Functional Overview
39
June 2001 -- Revised December 2002
SPRS180C
4.3.5 MCU Inter-Integrated Circuit (I2C) Interface
The master I2C interface module provides an interface between the MCU subsystem bus and the I2Cpins,
allowing the MCU to control external peripheral devices connected to the I2C pins. Fundamentally, the I2C
interface module is a parallel-to-serial and serial-to-parallel converter. The parallel data received from the
MCU for transmit has to be converted to a suitable serial form for external peripheral devices on the I2CBus™.
Conversely, the serial data received from the I2C bus has to be converted to a suitable parallel form for passing
to the MCU.
The I2C interface features are:
•
Operates as an I2C master only; cannot be configured as an I2Cslave
•
Supports 7-bit I2C device address
•
Supports an 8-bit I2C device subaddress
•
Master write to slave receiver in single or multiple mode (data loop)
•
Provides a 16-byte transmit FIFO to reduce MCU overhead
•
Supports simple read cycle, read combined cycle
•
A 3-bit programmable prescale internal clock divider and 7-bit programmable SCL clock divider to support
a wide range of input clock frequencies. The I2C SCL clock frequency are:
--
I2C Standard Mode: 100 kHz
--
I2C Fast Mode: 400 kHz
•
3-bit programmable spike filter to provide noise filtering on the I2C data input signal
The module does not support:
•
I2C bus 10-bit addressing
•
I2C bus CBUS compatibility
•
Multi-Master I2C
•
Clock synchronization as a handshake: slave devices are NOT allowed to hold the SCL line LOW to force
the master (5471) into a wait state until the slave is ready for the next transfer.
4.3.6 MCU Timers
The 5471 MCU subsystem implements three 16-bit timers configurable either in “auto reload” or in “count
down to zero and stop” modes. Each timer can generate an interrupt to the MCU when it counts down to zero.
The TIMER0 may be configured as either a watchdog counter or as a general-purpose timer. The two others
(TIMER1 and TIMER2) are general-purpose timers.
TIMER2 may be used to provide timing to an external device via the shared pin GPIO19/TIMER_OUT. When
this pin is configured to provide TIMER_OUT, the pin will provide a low pulse when the TIMER2 interrupt
occurs.
4.3.6.1
General-Purpose Timers
TIMER1 and TIMER2, are general-purpose timers, and can be programmed to provide specific timing via a
clock prescale value (PTV) and a starting count value (LOAD_TIM). The timer counts down to zero from the
LOAD_TIM value, changing value every n MCU subsystem clocks, depending on the PTV value. The time
between interrupts to the MCU interrupt handler is defined as:
tint =tclk * (LOAD_TIM + 1)* 2(PTV + 1)
If the counter’s auto-reload (AR) bit is set when the counter reaches zero, the timer will auto-reload the
LOAD_TIM value into its counter and start counting again.
The counter will only run when its start (ST) bit is set. The PTV and AR bits of the CNTL_TIMER register and
LOAD_TIM must not be programmed when the timer is running. The TIMERn current counter value may be
read via the VALUE_TIMn register.
I2C Bus is a trademark of Philips Electronics N. V. Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com