Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 64Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 65Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 66Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 67Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 68Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 69Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 70Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 71Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
Electrical Specifications
58
June 2001 -- Revised December 2002
SPRS180C
6.7
Ready Timing for Externally Generated Wait-States
Table 6--12 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 6--8,
through Figure 6--11).
Table 6--12. Ready Timing For Externally Generated Wait-States Timing Requirements†
MIN
MAX
UNIT
tsu(RDY)
Setup time, DSP_READY before DSP_CLKOUT low
5
ns
th(RDY)
Hold time, DSP_READY after DSP_CLKOUT low
3
ns
tv(RDY)MSTRB
Valid time, DSP_READY after DSP_MSTRB low‡
4H--11
ns
th(RDY)MSTRB
Hold time, DSP_READY after DSP_MSTRB low‡
4H
ns
tv(RDY)DSP_IOSTRB Valid time, DSP_READY after DSP_IOSTRB low‡
5H--11
ns
th(RDY)DSP_IOSTRB Hold time, DSP_READY after DSP_IOSTRB low‡
5H
ns
tv(MSCL)
Valid time, DSP_MSC low after DSP_CLKOUT low
1.5
11.5
ns
tv(MSCH)
Valid time, DSP_MSC high after DSP_CLKOUT low
1.5
11.5
ns
† The hardware wait-states can be used only in conjunction with the software wait-states to extend the bus cycles. To generate wait-states using
DSP_READY, at least two software wait-states must be programmed.
‡ These timings are included for reference only. The critical timings for DSP_READY are those referenced to DSP_CLKOUT.
DSP_MSC
DSP_MSTRB
DSP_READY
DSP_A[19:0]
DSP_CLKOUT
tv(MSCH)
tv(MSCL)
th(RDY)
th(RDY)MSTRB
tv(RDY)MSTRB
Wait State
Generated by
DSP_READY
Wait-States
Generated Internally
tsu(RDY)
Figure 6--8. Memory Read With Externally Generated Wait-States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com