Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 47Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 49Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 50Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 51Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
MCU Subsystem Functional Overview
38
June 2001 -- Revised December 2002
SPRS180C
Table 4--2. GPIO Control/Status Bits
BIT NAME
DESCRIPTION
io
I/O bit:
Writable when I/O is configured as an output (cio=0)
Reads value on I/O pin when I/O is configured as an input (cio=1)
cio
Configure I/O:
0: output
1: input (default)
gpio_irqA
SeeTable4--3
gpio_irqB
SeeTable4--3
ddio
Delta detect bit:
If gpio is configured as an output (cio=0), always reads as ‘0’
If gpio is configured as an input (cio=1), reads a ‘1’ if io has changed since ddio was last cleared
gpio_en
Selects register for muxed GPIOs:
0: other signal
1: gpio (default)
Non-shared GPIOs are always available at the i/o pin independent of the value of gpio_en
Table 4--3. GPIO_IRQ Bits Definition
gpio_irqB
gpio_irqA
FUNCTION
0
0
The associated device pin does not cause assertion of a GPIO interrupt.
0
1
A rising edge on the associated device pin causes assertion of a GPIO interrupt.
1
0
A falling edge on the associated device pin causes assertion of a GPIO interrupt.
1
1
Any change on the associated device pin causes assertion of a GPIO interrupt.
The configuration/status bits are accessible through 12 memory-mapped registers: GPIO_IO, KBGPIO_IO,
GPIO_CIO, KBGPIO_CIO, GPIO_IRQA, KBGPIO_IRQA, GPIO_IRQB, KBGPIO_IRQB, GPIO_DDIO,
KBGPIO_DDIO, GPIO_EN and KBGPIO_EN.
The pins KBGPIO(15:8) have on-chip pullup resistors, making them suitable for use as keypad row inputs.
To configure the 5471 for an 8x8 keypad [with keypad columns connected to KBGPIO(7:0) and rows
connected to KBGPIO(15:8)], use the following settings:
•
KBGPIO(15:8) pins are configured as inputs (cio=1) for row lines
•
KBGPIO(7:0) pins are configured as outputs (cio=0) for column lines
Keypad scanning can be done by setting the output values on all of the column KBGPIO pins to 0 and enabling
KBGPIO(15:8) interrupts. When a KBGPIO(15:8) interrupt is seen, all but one of the the KGBPIO column
output values are be changed to 1, and then the KBGPIO row pins are read. If the KBGPIO pin row input value
is all 1s, then there are no keys in the column currently driven to 0 that are set. Any bit in the KGBPIO pin
row input value that is 0 indicates a closed switch. Next, select a different column by writing a new value to
KBGPIO column pins with just one output pin value 0 and the remainder 1. Repeat the KBGPIO row read and
check for closed switches. Repeat this for each column in the keyboard array. Once the keypad has been read,
the interrupt service routine should set all column outputs back to 0 so that the next key press may be sensed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com