Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 27Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 31Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 33Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 34Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
DSP Subsystem Functional Overview
21
June 2001 -- Revised December 2002
SPRS180C
Table 3--5. Relationship Between BNKCMP and Bank Size
BNKCMP
MSB TO COMPARE
BANK SIZE
Bit 15
Bit 14
Bit 13
Bit 12
MSBs TO COMPARE
(16-BIT WORDS)
0
0
0
0
None
64K
1
000
15
32K
1
1
0
0
15--14
16K
1
1
1
0
15--13
8K
1
1
1
1
15--12
4K
The external memory interface can be disabled when not used. This feature can be used to reduce the power
consumption of the 5471 DSP subsystem. Table 3--6 lists the states of the external interface pins, when the
interface is disabled (EXIO=1).
Table 3--6. State of Signals When External Bus Interface is Disabled (EXIO = 1)
SIGNAL
STATE
SIGNAL
STATE
DSP_A(19--0)
Previous State
DSP_MSTRB
High Level
DSP_D(15--0)
High Impedance
DSP_IOSTRB
High Level
DSP_PS
High Level
DSP_R/W
High Level
DSP_DS
High Level
KBGPIO12/DSP_MSC†
High Level
DSP_IS
High Level
KBGPIO11/DSP_IAQz‡
High Level
† Only applies when KBGPIO12 is enabled to output DSP_MSC.
‡ Only applies when KBGPIO11 is enabled to output DSP_IAQ
3.3.3 Processor Mode Status Register
The 5471 DSP subsystem processor mode status register (PMST) differs from the typical C54x design in that
the PMST CLKOUT bit has no effect on the CLKOUT port of the subsystem. This port is always clocking when
the DSP subsystem’s PLL is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com