Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 47Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 48Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 49Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 50Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 51Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 52Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 53Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 54Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
MCU Subsystem Functional Overview
41
June 2001 -- Revised December 2002
SPRS180C
The following paragraph lists the typical IRQ sequence. The FIQ sequence is similar.
•
As the interrupt handler sees unmasked interrupt inputs go active, it sets the corresponding IT_REG bit.
•
At this time, there are three possible cases:
--
If the NEW_INT_AGR bit in the INT_CTRL_REG is set, a previous interrupt has not yet been
completely serviced, and the new interrupt cannot be sent to the MCU.
--
If NEW_INT_AGR is 0 and there is only one interrupt marked as active in the IT_REG, that interrupt
number is selected as the interrupt to be passed to the MCU. This selected interrupt number is stored
in SIR_IRQ_REG.
--
If NEW_INT_AGR is 0 and there are more than one interrupt marked as active in the IT_REG, the
interrupt handler selects the highest-priority interrupt based on ILR_IRQ_n register priority values
and, where priority values are identical, interrupt numbers. This selected interrupt number is stored in
SIR_IRQ_REG.
•
The interrupt is sent to the MCU via its IRQ port.
•
The MCU begins execution at the IRQ vector. MCU code reads SIR_IRQ_REG to determine which
interrupt source caused the interrupt. MCU code branches to the appropriate Interrupt Service Routine.
•
The MCU software must write a “1” to the INT_CTRL_REG register NEW_IRQ_AGR bit in order to reset
the IRQ output and SIR_IRQ_REG register. This enables the interrupt handler to send new interrupts to
the MCU via the IRQ signal.
MCU subsystem interrupt numbers are shown in Table 4--4.
Table 4--4. MCU Peripheral Interrupt Mapping
IRQ REQUEST
MCU INTERRUPT SOURCE
IRQ0
Watchdog TIMER0 interrupt
IRQ1
TIMER1 interrupt
IRQ2
TIMER2 interrupt
IRQ3
GPIO0 interrupt
IRQ4
Ethernet interface interrupt
IRQ5
KBGPIO(7:0) interrupt
IRQ6
UART interrupts
IRQ7
UART_IRDA interrupt
IRQ8
KBGPIO(15:8) interrupt
IRQ9
GPIO03
IRQ10
GPIO02
IRQ11
I2C interrupt
IRQ12
GPIO1 interrupt
IRQ13
SPI interrupt
IRQ14
GPIO(19:4) interrupt
IRQ15
API interrupt
4.4
MCU Power-Down Modes
The MCU can be shut down and awaken by setting the appropriate bit into the CLKM_REG and
WAKEUP_REG. It is the software’s responsibility to put the ARM_CLOCK in bypass or low-frequency mode
before the MCU is shut down. The MCU is woken by the first interrupt received from one of the peripherals.
The MCU subsystem peripherals can be individually shut down and awaken by setting the corresponding bits
in the CLKM_REG and WAKEUP_REG register. It is the software’s responsibility to power down or wake up
individual peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com