Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 26Page - Analog Devices AD6634BC/PCB Datasheet HTML 27Page - Analog Devices AD6634BC/PCB Datasheet HTML 28Page - Analog Devices AD6634BC/PCB Datasheet HTML 29Page - Analog Devices AD6634BC/PCB Datasheet HTML 30Page - Analog Devices AD6634BC/PCB Datasheet HTML 31Page - Analog Devices AD6634BC/PCB Datasheet HTML 32Page - Analog Devices AD6634BC/PCB Datasheet HTML 33Page - Analog Devices AD6634BC/PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
REV. 0
–30–
AD6634
operation. The rms samples so obtained are subtracted from the
request signal level, R, specified in registers (0x0B, 0x14), leaving
an error term to be processed by the loop filter, G(z).
The user sets this programmable request signal level, R, according
to the output signal level desired. The request signal level, R,
is programmable from –0 dB to –23.99 dB in steps of 0.094 dB.
The request signal level should also compensate for error, if any,
due to the CIC scaling as explained previously. Therefore, the
request signal level is offset by the amount of error induced in
CIC, given by,
Offset
M
N
S
CIC
AVG
CIC
=×
×
()
×
20
6 02
10
log
–
.
where the offset is in dB. Continuing with the previous example
this offset is given by, Offset = 72.24 – 69.54 = 2.7 dB. The
request signal level is given by,
R
ceil
DSL
offset
=
()
×
–
.
.
0 094
0 094
where R is the request signal level and DSL (Desired Signal Level)
is the output signal level that the user desires. In the previous
example if the desired signal level is –13.8 dB, the request level,
R, is programmed to be –16.54 dB.
The AGC provides a programmable second order loop filter. The
programmable parameters gain, K, and pole, P, completely define
the loop filter characteristics. The error term after subtracting
the request signal level is processed by the loop filter, G(z). The
open loop poles of the second order loop filter are ‘1’ and, P,
respectively. The loop filter parameters, pole, P, and gain, K,
allow adjustment of the filter time constant that determines the
window for calculating the peak-to-average ratio.
The open loop transfer function for the filter including the gain
parameter is given below.
Gz
Kz
Pz
Pz
() =
+
() +
–
––
–
1
12
11
If the AGC is properly configured (in terms of offset in request
level), there are no gains except the filter gain K. Under these
circumstances, a closed loop expression for the AGC loop is
possible and is given by,
Gz
Gz
Gz
Kz
KP z
Pz
CLOSED
() = ()
+
()
=
+
() +
1
11
1
12
–
––
––
The gain parameter K and pole P are programmable through regis-
ters (0x0E and 0x0F, respectively, for AGC channel A and B) from
0 to 0.996 in steps of 0.0039 using 8-bit representation. Though
the user defines the open loop pole P and gain K, they will directly
impact the placement of the closed loop poles and filter character-
istics. These closed loop poles P1, P2, are the roots of the denominator
of the above closed loop transfer function and are given by,
PP
PK
PK
P
12
2
11
4
2
,
––
–
=
+
()++
()
Typically, the AGC loop performance is defined in terms of its time
constant or settling time. In such a case the closed loop poles
should be set to meet the time constants required by the AGC
loop. The following relation between time constant and closed loop
poles can be used for this purpose.
P
M
SAMPLE RATE
CIC
12
12
,
,
=
×
exp
τ
where
τ
12
,
are the time constants corresponding to the poles
P1, 2. The time constants can also be derived from settling times
as given below,
2
4
5
3
%%
Setting Time
or
Setting Time
MCIC (CIC decimation is from 1 to 4096), and either the settling
time or time constant should be chosen by the user. The sample
rate is the combined sample rate of all the interleaved channels
coming into the AGC/half-band interpolated filters. If two chan-
nels are being used to process one carrier of UMTS at 2
chip
rate, each channel works at 3.84 MHz and the combined sample
rate coming into the half-band interpolated filters is 7.68 MSPS.
This rate should be used in the calculation of poles in the above
equation, if half-band interpolating filters are bypassed.
The loop filter output corresponds to the signal gain that is
updated by the AGC. Since all computation in the loop filter is
done in logarithmic domain (to the base 2) of the samples, the
signal gain is generated using the exponent (power of 2) of the
loop filter output.
The gain multiplier gives the product of the signal gain with
both the I and Q data entering the AGC section. This signal
gain is applied as a coarse 4-bit scaling and then a fine scale
8-bit multiplier. Thus the applied signal gain is between
0 dB and 96.296 dB in steps of 0.024 dB. Initial value for signal
gain is programmable using the registers 0x0D and 0x15 for
AGC A and AGC B, respectively.
The products of the gain multiplier, the AGC scaled outputs,
have 19-bit representation. These are in turn used as I and Q
for calculating the power and AGC error and loop filtered to
produce signal gain for next set of samples. These AGC scaled
outputs can be programmed to have 4, 5, 6, 7, 8, 10, 12, or
16-bit widths using the AGC control word (0x0A, 0x12). The
AGC scaled outputs are truncated to required bit widths using
the clipping circuitry as shown in the block diagram.
Open Loop Gain Setting
If filter gain K occupies only one LSB, or 0.0039, during the
multiplication with error term, errors of up to 6.02 dB could be
truncated. This truncation is due to the lower bit widths avail-
able in the AGC loop. If filter gain K were the maximum value,
truncated errors would be a less than 0.094 dB (equivalent to
1 LSB of error term representation). Generally, a small filter
gain is used to achieve a large time constant loop (or slow loops),
but in this case it would cause large errors to go undetected.
Due to this peculiarity, the designers recommend that if a user
wants slow AGC loops that they use fairly high values for filter
gain K and then use CIC decimation to achieve a slow loop. In
this way, the AGC loop will make large infrequent gain changes
compared to small and frequent gain changes as in the case of
normal small gain loop filter. However, though the AGC loop
makes large infrequent gain changes, a slow time constant is still
achieved and there is lesser truncation of errors.
Average Samples Setting
Though it is complicated to express the exact effect of the num-
ber of averaging samples, thinking intuitively it has a smoothing
effect on the way the AGC loop attacks a sudden increase or a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com