Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 37 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 33Page - Analog Devices AD6634BC/PCB Datasheet HTML 34Page - Analog Devices AD6634BC/PCB Datasheet HTML 35Page - Analog Devices AD6634BC/PCB Datasheet HTML 36Page - Analog Devices AD6634BC/PCB Datasheet HTML 37Page - Analog Devices AD6634BC/PCB Datasheet HTML 38Page - Analog Devices AD6634BC/PCB Datasheet HTML 39Page - Analog Devices AD6634BC/PCB Datasheet HTML 40Page - Analog Devices AD6634BC/PCB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
REV. 0
AD6634
–37–
0x80: Channel Sleep Register
This register contains the SLEEP bit for the channel. When this
bit is high, the channel is placed in a low power state. When this
bit is low, the channel processes data. This bit can also be set by
accessing the SLEEP register at external address 3. When the
External SLEEP register is accessed, all four channels are
accessed simultaneously and the SLEEP bits of the channels
are set appropriately.
0x81: Soft_SYNC Register
This register is used to initiate SYNC events through the
microport. If the Hop bit is written high, the Hop Hold-Off
Counter at address 0x84 is loaded and begins to count down.
When this value reaches 1, the NCO Frequency register used by
the NCO accumulator is loaded with the data from channel
addresses 0x85 and 0x86. When the Start bit is set high, the
Start Hold-Off Counter is loaded with the value at address
0x83 and begins to count down. When this value hits 1, the Sleep
bit in address 0x80 is dropped low and the channel is started.
0x82: Pin_SYNC Register
This register is used to control the functionality of the SYNC
pins. Any of the four SYNC pins can be chosen and monitored
by the channel. The channel can be configured to initiate either
a Start or Hop SYNC event by setting the Hop or Start bit high.
These bits function as enables so that when a SYNC pulse
occurs, either the Start or Hop Hold-Off Counters are activated
in the same manner as with a Soft_SYNC.
0x83: Start Hold-Off Counter
The Start Hold-Off Counter is loaded with the value written to
this address when a Start_Sync is initiated. It can be initiated
by either a Soft_SYNC or Pin_SYNC. The counter begins
decrementing and when it reaches a value of 1, the channel is
brought out of SLEEP and begins processing data. If the channel
is already running, the phase of the filters is adjusted such that
multiple AD6634s can be synchronized. A periodic pulse on the
SYNC pin can be used in this way to adjust the timing of the filters with
the resolution of the ADC sample clock. If this register is written
to a 1, the Start will occur immediately when the SYNC comes
into the channel. If it is written to a 0, no SYNC will occur.
0x84: NCO Frequency Hold-Off Counter
The NCO Frequency Hold-Off Counter is loaded with the value
written to this address when either a Soft_SYNC or Pin_SYNC
comes into the channel. The counter begins counting down so
that when it reaches 1, the NCO frequency word is updated
with the values of addresses 0x85 and 0x86. This is known as a
Hop or Hop_SYNC. If this register is written to a 1, the NCO
Frequency will be updated immediately when the SYNC
comes into the channel. If it is written to a 0, no HOP will
occur. NCO HOPs can be either phase continuous or nonphase
continuous, depending upon the state of Bit 3 of the NCO
control register at channel address 0x88. When this bit is low,
the phase accumulator of the NCO is not cleared but starts to
add the new NCO frequency word to the accumulator as soon as
the SYNC occurs. If this bit is high, the phase accumulator of
the NCO is cleared to 0 and the new word is then accumulated.
0x85: NCO Frequency Register 0
This register represents the 16 LSBs of the NCO Frequency
word. These bits are shadowed and are not updated to the regis-
ter used for the processing until the channel is either brought
out of SLEEP or a Soft_SYNC or Pin_SYNC has been issued.
In the latter two cases, the register is updated when the Frequency
Table X. Channel Address Memory Map
Channel
Bit
Address
Register
Width
Comments
00–7F
Coefficient Memory (CMEM)
20
128
× 20-Bit Memory
80
CHANNEL SLEEP
1
0: SLEEP Bit from EXT_ADDRESS 3
81
Soft_Sync Control Register
2
1: Hop
0: Start
82
Pin_SYNC Control Register
3
2: First SYNC Only
1: Hop_En
0: Start_En
83
Start Hold-Off Counter
16
Start Hold-Off Value
84
NCO Frequency Hold-Off Counter
16
NCO_FREQ Hold-Off Value
85
NCO Frequency Register 0
16
NCO_FREQ[15:0]
86
NCO Frequency Register 1
16
NCO_FREQ[31:16]
87
NCO Phase Offset Register
16
NCO_PHASE[15:0]
88
NCO Control Register
9
8–7: SYNC Input Select[1:0]
6: WB Input Select B/A
5–4: Input Enable Control
11: Clock on IEN Transition to Low
10: Clock on IENTransition to High
01: Clock on IEN High
00: Mask on IEN Low
3: Clear Phase Accumulator on HOP
2: Amplitude Dither
1: Phase Dither
0: Bypass (A-Input
→ I-Path, B → Q)
89–8F
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com