Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 41 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 37Page - Analog Devices AD6634BC/PCB Datasheet HTML 38Page - Analog Devices AD6634BC/PCB Datasheet HTML 39Page - Analog Devices AD6634BC/PCB Datasheet HTML 40Page - Analog Devices AD6634BC/PCB Datasheet HTML 41Page - Analog Devices AD6634BC/PCB Datasheet HTML 42Page - Analog Devices AD6634BC/PCB Datasheet HTML 43Page - Analog Devices AD6634BC/PCB Datasheet HTML 44Page - Analog Devices AD6634BC/PCB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
REV. 0
AD6634
–41–
the Q output data through the microport. To accomplish this,
the Map RCF data to BIST bit in the RCF Control register 2,
0xA9, should be set high. Sixteen bits of Q data can then be read
through the microport in either the 8 + 4, 12 + 4, 12-bit linear,
or 16-bit linear output modes. This data may come from either
the formatted RCF output or the CIC5 output.
0xA7: BIST Control Register
This register controls the number of outputs of the RCF or CIC
filter that are observed when a BIST test is performed. The BIST
signature registers at addresses 0xA5 and 0xA6 will observe this
number of outputs and then terminate. The loading of this
register also starts the BIST engine running. Details of how to
utilize the BIST circuitry are defined in the BIST section.
0xA8: RAM BIST Control Register
This register is used to test the memories of the AD6634 should
they ever be suspected of a failure. Bit 0 of this register is written
with a 1 when the channel is in SLEEP and the user waits for
1600 CLKs and then polls the bits. If Bit 1 is high, the CMEM
failed the test; and if Bit 2 is high, the data memory used by the
RCF failed the test.
0xA9: Output Control Register
Bit 9 of this register allows the RCF or CIC5 data to be mapped
to the BIST registers at addresses 0xA5 and 0xA6. When this bit
is 0, the BIST register is in signature mode and ready for a self-test
to be run. When this bit is 1, the output data from the RCF after
formatting or the CIC5 data is mapped to these registers and
can be read through the microport.
Bits 5 determines the word length used by the parallel port. If this
bit is 0, the parallel port uses 12-bit words for I and Q. If this
bit is 1, the parallel port uses 16-bit words for I and Q. When the
fixed-point output option is chosen from the RCF control
register, these bits also set the rounding correctly in the output
formatter of the RCF.
Remaining bits in this register are reserved and should be written
low when programming.
In order to access the Input/Output Port Registers, Bit 5 of
SLEEP
register (on external memory map) should be written high. The CAR
is then written with the address to the correct Input Port Register.
Input Port Control Registers
The Input Port control register enables various input related
features used primarily for input detection and level control.
Depending on the mode of operation, up to four different signal
paths can be monitored with these registers. These features are
accessed by setting Bit 5 of external address 3 (Sleep Register)
and then using the CAR (external address 6) to address the
eight locations available.
Response to these settings is directed to the LIA-A, LIA-B,
LIB-A, and LIB-B Pins.
0x00 Lower Threshold A
This word is 10 bits wide and maps to the 10 most significant
bits of the mantissa. If the upper 10 bits of input port A are less
than or equal to this value, the lower threshold has been met. In
normal chip operation, this starts the dwell time counter. If the
input signal increases above this value, the counter is reloaded
and awaits the input to drop back to this level.
0x01 Upper Threshold A
This word is 10 bits wide and maps to the 10 most significant
bits of the mantissa. If the upper 10 bits of input port A are
greater than or equal to this value, the upper threshold has been
met. In normal chip operation, this will cause the appropriate LI
pin (LIA-A or LIA-B) to become active.
0x02 Dwell Time A
This sets the time that the input signal must be at or below the
lower threshold before the LI pin is deactivated. For the input
level detector to work, the dwell time must be set to at least 1.
If set to 0, the LI functions are disabled.
This is a 20-bit register. When the lower threshold is met following
an excursion into the upper threshold, the dwell time counter is
loaded and begins to count high speed clock cycles as long as
the input is at or below the lower threshold. If the signal increases
above the lower threshold, the counter is reloaded and waits for
the signal to fall below the lower threshold again.
0x03 Gain Range A Control Register
Bit 4 determines the polarity of LIA-A and LIA-B. If this bit is
clear, the LI signal is high when the upper threshold has been
exceeded. However, if this bit is set, the LI pin is low when active.
This allows maximum flexibility when using this function.
Bit 3 determines if the input consists of a single channel or
TDM channels such as when using the AD6600. If this bit is
cleared, a single ADC is assumed. In this mode, LIA-A functions
as the active output indicator. LIA-B provides the complement
of LIA-A. However, if this bit is set, the input is determined to
Table XIV. Memory Map for Input Port Control Registers
Channel
Bit
Address
Register
Width
Comments
00
Lower Threshold A
10
9–0:
Lower Threshold for Input A
01
Upper Threshold A
10
9–0:
Upper Threshold for Input A
02
Dwell Time A
20
19–0: Minimum Time Below Lower Threshold A
03
Gain Range A Control Register
5
4:
Output Polarity LIA-A and LIA-B
3:
Interleaved Channels
2–0:
Linearization Hold-Off Register
04
Lower Threshold B
10
9–0:
Lower Threshold for Input B
05
Upper Threshold B
10
9–0:
Upper Threshold for Input B
06
Dwell Time B
20
19–0: Minimum Time Below Lower Threshold B
07
Gain Range B Control Register
5
4:
Output Polarity LIB-A and LIB-B
3:
Interleaved Channels
2–0:
Linearization Hold-Off Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com