Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 49 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 44Page - Analog Devices AD6634BC/PCB Datasheet HTML 45Page - Analog Devices AD6634BC/PCB Datasheet HTML 46Page - Analog Devices AD6634BC/PCB Datasheet HTML 47Page - Analog Devices AD6634BC/PCB Datasheet HTML 48Page - Analog Devices AD6634BC/PCB Datasheet HTML 49Page - Analog Devices AD6634BC/PCB Datasheet HTML 50Page - Analog Devices AD6634BC/PCB Datasheet HTML 51Page - Analog Devices AD6634BC/PCB Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
REV. 0
AD6634
–49–
Table XVII. Microport Instructions
Instruction
Comment
0000
All chips and all channels will get the access.
0001
Channel 0, 1, 2 of all chips will get the access.
0010
Channel 1, 2, 3 of all chips will get the access.
0100
All chips will get the access.
*
1000
All chips with Chip_ID[3:0] = xxx0 will get the
access.
*
1001
All chips with Chip_ID[3:0] = xxx1 will get the
access.
*
1100
All chips with Chip_ID[3:0] = xx00 will get the
access.
*
1101
All chips with Chip_ID[3:0] = xx01 will get the
access.
*
1110
All chips with Chip_ID[3:0] = xx10 will get the
access.
*
1111
All chips with Chip_ID[3:0] = xx11 will get the
access.
*
*A[9:8] bits control which channel is decoded for the access.
When broadcast is enabled (Bit 6 set high), readback is not valid
because of the potential for internal bus contention. Therefore,
if readback is subsequently desired, the broadcast bit should be
set low.
Bits 1–0 of this register are address bits that decode which of the
four channels are being accessed. If the Instruction bits decode
an access to multiple channels then these bits are ignored. If the
instruction decodes an access to a subset of chips, then the A[9:8]
bits will otherwise determine the channel being accessed.
Channel Address Register (CAR)
This register represents the 8-bit internal address of each channel.
If the Auto-Increment bit of the ACR is 1, this value will be incre-
mented after every access to the DR0 register, which will in turn
access the location pointed to by this address. The Channel Address
register cannot be read back while the Broadcast bit is set high.
SOFT_SYNC Control Register
External Address [5] is the SOFT_SYNC control register and is
write only.
Bits 0–3 of this register are the SOFT_SYNC control bits. These pins
may be written to by the controller to initiate the synchronization
of a selected channel. Although there are four inputs, these do not
necessarily go to the channel of the same number. This is fully
configurable at the channel level as to which bit to look at. All
four channels may be configured to synchronize from a single
position, or they may be paired or all independent.
Bit 4 determines if the synchronization is to apply to a chip start.
If this bit is set, a chip start will be initiated.
Bit 5 determines if the synchronization is to apply to a chip hop.
If this bit is set, the NCO frequency will be updated when the
SOFT_SYNC occurs.
Bit 6 configures how the internal databus is configured. If this bit
is set low, the internal ADC databuses are configured normally.
If this bit is set, the internal test signals are selected. The internal
test signals are configured in Bit 7 of this register.
Bit 7 if set clear, a negative full scale signal is generated and made
available to the internal databus. If this bit is high, internal
pseudo-random sequence generator is enabled and this data is
available to the internal databus. The combined functions of
Bits 6 and 7 facilitate verification of a given filter design. Also, in
conjunction with the MISR registers allows for detailed in-system
chip testing. In conjunction with the JTAG test board, very high
levels of chip verification can be done during system test, both
in the factory and field.
PIN_SYNC Control Register
External Address [4] is the PIN_SYNC control register and is
write only.
Bits 0–3 of this register are the SYNC_EN control bits. These pins
may be written to by the controller to allow pin synchronization
of a selected sync channel. Although there are four inputs, these
do not necessarily go to the channel of the same number. This is
fully configurable at the channel level as to which bit to look at.
All four channels may be configured to synchronize from a
single position, or they may be paired or all independent.
Bit 4 determines if the synchronization is to apply to a chip
start. If this bit is set, a chip start will be initiated when the
PIN_SYNC occurs.
Bit 5 determines if the synchronization is to apply to a chip hop.
If this bit is set, the NCO frequency will be updated when the
when the PIN_SYNC occurs.
Bit 6 is used to ignore repetitive synchronization signals. In
some applications, this signal may occur periodically. If this bit
is clear, each PIN_SYNC will restart/hop the channel. If this bit
is set, only the first occurrence will cause the chip to take action.
Bit 7 is used with Bits 6 and 7 of external address 5. When this
bit is cleared, the data supplied to the internal databus simulates
a normal ADC. When this bit is set, the data supplied is in the
form of a time multiplexed ADC such as the AD6600 (this
allows the equivalent of testing in the 4-channel input mode).
Internally, when set, this bit forces the IEN pin to toggle as if it
were driven by the A/B signal of the AD6600.
SLEEP Control Register
External Address [3] is the Sleep register.
Bits 3–0 control the state of each of the channels. Each bit corre-
sponds to one of the possible RSP channels within the device. If this
bit is cleared, the channel operates normally. However, when this
bit is set, the indicated channel enters a low power Sleep mode.
Bit 4 is reserved and should always be set to 0.
Bit 5 allows access to the Input/Output Control Port Registers.
When this bit is set low, the channel memory map is accessed.
However, when this bit is set high, it allows access to the
Input/Output Port Control Registers. When this bit is set high,
the value in external address 6 (CAR) points to the memory map
for the Input/Output Port Control Registers instead of the
normal channel memory map. See Input and Output Port Control
Registers in the respective Input and Output memory map sections.
Bits 6–7 are reserved and should be set low.
Data Address Registers
External Address [2–0] forms the data registers DR2, DR1, and
DR0, respectively. All internal data-words have widths that are
less than or equal to 20 bits. Accesses to External Address [0]
DR0 trigger an internal access to the AD6634 based on the
address indicated in the ACR and CAR. Thus during writes to the
internal registers, External Address [0] DR0 must be written last.
At this point data is transferred to the internal memory indicated
in A[9:0]. Reads are performed in the opposite direction. Once the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com