Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 40 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 36Page - Analog Devices AD6634BC/PCB Datasheet HTML 37Page - Analog Devices AD6634BC/PCB Datasheet HTML 38Page - Analog Devices AD6634BC/PCB Datasheet HTML 39Page - Analog Devices AD6634BC/PCB Datasheet HTML 40Page - Analog Devices AD6634BC/PCB Datasheet HTML 41Page - Analog Devices AD6634BC/PCB Datasheet HTML 42Page - Analog Devices AD6634BC/PCB Datasheet HTML 43Page - Analog Devices AD6634BC/PCB Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
REV. 0
–40–
AD6634
Bits 9–5 are the actual scale value used when the Level Indicator,
LI pin associated with this channel is active.
Bits 4–0 are the actual scale value used when the Level Indicator,
LI pin associated with this channel is active.
0x93:
Reserved (must be written Low).
0x94: CIC5 Decimation – 1 (MCIC5 – 1)
This register is used to set the decimation in the CIC5 filter.
The value written to this register is the decimation minus one.
Although this is an 8-bit register, the decimation is usually lim-
ited to between 1 and 32. Decimations higher than 32 would
require more scaling than the CIC5 is capable of.
0x95: CIC5 Scale
The CIC5 scale factor is used to compensate for the growth of
the CIC5 filter. Consult the CIC5 section for details.
0x96:
Reserved (must be written low).
0xA0: RCF Decimation – 1 (MRCF – 1)
This register is used to set the decimation of the RCF stage. The
value written is the decimation minus one. Although this is an
8-bit register that allows decimation up to 256, for most filtering
scenarios the decimation should be limited between 1 and 32.
Higher decimations are allowed but the alias protection of the
RCF may not be acceptable for some applications.
0xA1: RCF Decimation Phase (PRCF)
This register allows any one of the MRCF phases of the filter to
be used and can be adjusted dynamically. This phase is updated
each time a filter is started. When a channel is synchronized, it
will retain the phase setting chosen here. This can be used as
part of a timing recovery loop with an external processor or can
allow multiple RCFs to work together while using a single RCF
pair. The RCF section should be consulted for further details.
0xA2: RCF Number of Taps – 1 (NTAPS – 1)
The number of taps for the RCF filter minus one is written here.
0xA3: RCF Coefficient Offset (CORCF)
This register is used to specify which section of the 256-word
coefficient memory is used for a filter. It can be used to select
between multiple filters that are loaded into memory and refer-
enced by this pointer. This register is shadowed and the filter
pointer is updated every time a new filter is started. This allows
the coefficient offset to be written even while a filter is being
computed with disturbing operation. The next sample that
comes out of the RCF will be with the new filter.
0xA4: RCF Control Register
The RCF control register is an 11-bit register that controls the
general features of the RCF as well as the output formatting.
The bits of this register and their functions are described below.
Bit 10 bypasses the RCF filter and sends the CIC5 output data
to the BIST-I and BIST-Q registers. The 16 MSBs of the CIC5
data can be accessed from this register if Bit 9 of the RCF Control
Register 2 at Channel Address 0xA9 is set.
Bit 9 of this register controls the source of the input data to the
RCF. If this bit is 0, the RCF processes the output data of its
own channel. If this bit is 1, it processes the data from the CIC5
of another channel. The CIC5 that the RCF is connected to
when this bit is 1 is shown in the Table XII. These can be
used to allow multiple RCFs to be used together to process
wider bandwidth channels. See the Multiprocessing section for
further details.
Table XII. RCF Input Configurations
Channel
RCF Input Source When Bit 9 is 1
01
10
21
31
Bit 8 is used as an extra address to allow a second block of 128
words of CMEM to be addressed by the channel addresses at
0x00–0x7F. If this bit is 0, the first 128 words are written; and if
this bit is 1, a second 128 words is written. This bit is only used
to program the coefficient memory. It is not used in any way by
the processing and filters longer than 128 taps can be performed.
Bit 7 is used to help control the output formatting of the AD6634s
RCF data. This bit is only used when the 8 + 4 or 12 + 4 floating-
point modes are chosen. These modes are enabled by Bits 5 and
4 of this register below. When this bit is 0, the I and Q output
exponents are determined separately based on their individual
magnitudes. When this bit is 1, the I and Q data is a complex
floating-point number where I and Q use a single exponent
that is determined based on the maximum magnitude of I or Q.
Bit 6 is used to force the Output Scale Factor in Bits 3–0 of this
register to be used to scale the data even when one of the floating-
point output modes is used. If the number was too large to
represent with the output scale chosen, the mantissas of the
Iand Q data clip and do not overflow.
Bits 5 and 4 choose the output formatting option used by the
RCF data. The options are defined in the Table XIII and are
discussed further in the Output Format section.
Table XIII. Output Formats
Bit Values
Output Option
1x
12-Bit Mantissa and 4-Bit Exponent (12 + 4)
01
8-Bit Mantissa and 4-Bit Exponent (8 + 4)
00
Fixed-Point Mode
Bits 3–0 of this register represent the Output Scale Factor of the
RCF. It is used to scale the data when the output format is in
fixed-point mode or when the Force Exponent bit is high.
0xA5: BIST Register for I
This register serves two purposes. The first is to allow the complete
functionality of the I data path in the channel to be tested in the
system. The BIST section of the data sheet should be consulted
for further details. The second function is to provide access to the
I output data through the microport. To accomplish this, the
Map RCF data to BIST bit in the RCF Control register 2, 0xA9,
should be set high. Sixteen bits of I data can then be read through
the microport in either the 8 + 4, 12 + 4, 12-bit linear, or 16-bit
linear output modes. This data may come from either the formatted
RCF output or the CIC5 output.
0xA6: BIST Register for Q
This register serves two purposes. The first is to allow the complete
functionality of Q data path in the channel to be tested in the
system. The BIST section of the data sheet should be consulted
for further details. The second function is to provide access to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com