Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 51 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 51 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 44Page - Analog Devices AD6634BC/PCB Datasheet HTML 45Page - Analog Devices AD6634BC/PCB Datasheet HTML 46Page - Analog Devices AD6634BC/PCB Datasheet HTML 47Page - Analog Devices AD6634BC/PCB Datasheet HTML 48Page - Analog Devices AD6634BC/PCB Datasheet HTML 49Page - Analog Devices AD6634BC/PCB Datasheet HTML 50Page - Analog Devices AD6634BC/PCB Datasheet HTML 51Page - Analog Devices AD6634BC/PCB Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
REV. 0
AD6634
–51–
tSSI
CLKn
X
FRAME
SCLK
SDI
FRAME
XXXX
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 47. Serial Word Structure and Serial Port Control Timing
JTAG BOUNDARY SCAN
The AD6634 supports a subset of IEEE Standard 1149.1 speci-
fication. For additional details of the standard, please see “IEEE
Standard Test Access Port and Boundary-Scan Architecture,”
IEEE-1149 publication from IEEE.
The AD6634 has five pins associated with the JTAG interface.
These pins are used to access the on-chip Test Access Port and
are listed in Table XVIII. All input JTAG pins are pull-up
except for TCLK, which is a pull-down.
Table XVIII. Boundary Scan Test Pins
Name
Pin Number
Description
TRST
67
Test Access Port Reset
TCLK
68
Test Clock
TMS
69
Test Access Port Mode Select
TDI
72
Test Data Input
TDO
70
Test Data Output
The AD6634 supports six op codes as shown in Table XIX.
These instructions set the mode of the JTAG interface.
Table XIX. Boundary Scan Op Codes
Instruction
Op Code
IDCODE
001
BYPASS
111
SAMPLE/PRELOAD
010
EXTEST
000
HIGHZ
011
CLAMP
100
The Vendor Identification Code can be accessed through the
IDCODE instruction and has the format shown in Table XX.
Table XX. Vendor ID Code
MSB
Part
Manufacturing
LSB
Version
Number
ID #
Mandatory
0000
0010
000 1110 0101
1
0111
1000
1100
A BSDL file for this device is available. Please contact Analog
Devices for more information.
EXTEST (3'b000)—Places the IC into an external boundary-test
mode and selects the boundary-scan register to be connected
between TDI and TDO. During this, the boundary-scan register
is accessed to drive test data off-chip via boundary outputs and
receive test data off-chip from boundary inputs.
IDCODE (3'b001)—Allows the IC to remain in its functional
mode and selects device ID register to be connected between TDI
and TDO. Accessing the ID register does not interfere with the
operation of the IC.
SAMPLE/PRELOAD (3'b010)—Allows the IC to remain in
normal functional mode and selects the boundary-scan register
to be connected between TDI and TDO. The boundary-scan
register can be accessed by a scan operation to take a sample of
the functional data entering and leaving the IC. Also, test data
can be preloaded into the boundary scan register before an
EXTEST instruction.
HIGHZ (3'b011)—Sets all outputs to high impedance state. Selects
1-bit bypass register to be connected between TDI and TDO.
CLAMP (3'b100)—Sets the outputs of the IC to logic levels
determined by the boundary-scan register and selects 1-bit bypass
register to be connected between TDI and TDO. Before this
instruction, boundary-scan data can be preloaded with the
SAMPLE/PRELOAD instruction.
BYPASS (3'b111)—Allows the IC to remain in normal functional
mode and selects 1-bit bypass register between TDI and TDO.
During this instruction, serial data is transferred from TDI to TDO
without affecting operation of the IC.
INTERNAL WRITE ACCESS
Up to 20 bits of data (as needed) can be written by the process
described below. Any high order bytes that are needed are written
to the corresponding data registers defined in the external 3-bit
address space. The least significant byte is then written to DR0
at address (000). When a write to DR0 is detected, the internal
microprocessor port state machine then moves the data in
DR2–DR0 to the internal address pointed to by the address in
the LAR and AMR.
Write Pseudocode
void write_micro(ext_address, int data);
main();
{
/
* This code shows the programming of the NCO phase offset
register using the write_micro function as defined above. The
variable address is the External Address A[2:0] and data is the
value to be placed in the external interface register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com