Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 44 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 40Page - Analog Devices AD6634BC/PCB Datasheet HTML 41Page - Analog Devices AD6634BC/PCB Datasheet HTML 42Page - Analog Devices AD6634BC/PCB Datasheet HTML 43Page - Analog Devices AD6634BC/PCB Datasheet HTML 44Page - Analog Devices AD6634BC/PCB Datasheet HTML 45Page - Analog Devices AD6634BC/PCB Datasheet HTML 46Page - Analog Devices AD6634BC/PCB Datasheet HTML 47Page - Analog Devices AD6634BC/PCB Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
REV. 0
–44–
AD6634
Table XV. Memory Map for Output Port Control Registers (continued)
Channel
Bit
Address
Register
Width
Comments
16
AGC B Loop Gain
8
7–0:
K Parameter
17
AGC B Pole Location
8
7–0:
P Parameter
18
AGC B Average Samples
6
5–2:
Scale for CIC Decimator
1–0:
Number of Averaging Samples
19
AGC B Update Decimation
12
11–0: CIC Decimation
1A
Parallel A Control
8
7–6:
Reserved
5:
Parallel Port Data Format
1:
8-Bit Parallel I, Q
0:
16-Bit Interleaved I, Q
4:
Channel 3
3:
Channel 2
2:
Channel 1/AGC B Enable
1:
Channel 0/AGC A Enable
0:
AGC_CH Select
1:
Data Comes from AGCs
0:
Data Comes from Channels
1B
Link A Control
8
7:
Link Port A Enable
6–3:
Wait
2:
No RSSI Word
1:
Don’t Output RSSI Word
0:
Output RSSI Word
1:
Channel Data Interleaved
1:
2-Channel Mode/Separate AB
0:
4-Channel Mode/AB Same Port
0:
AGC_CH Select
1:
Data Comes from AGCs
0:
Data Comes from Channels
1C
Parallel B Control
8
7–6: Reserved
5:
Parallel Port Data Format
1:
8-Bit Parallel I, Q
0:
16-Bit Interleaved I, Q
4:
Channel 3
3:
Channel 2
2:
Channel 1/AGC B Enable
1:
Channel 0/AGC A Enable
0:
AGC_CH Select
1:
Data Comes from AGCs
0:
Data Comes from Channels
1D
Link B Control
8
7:
Link Port B Enable
6–3:
Wait
2:
No RSSI Word
1:
Don’t Output RSSI Word
0:
Output RSSI Word
1:
Channel Data Interleaved
1:
2-Channel Mode/Separate AB
0:
4-Channel Mode/AB Same Port
0:
AGC_CH Select
1:
Data Comes from AGCs
0:
Data Comes from Channels
1E
Port Clock Control
3
2–1:
PCLK Divisor
0:
PCLK Master/Slave
*
0:
Slave
1:
Master
*PCLK boots as slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com