Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 43 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 43 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 39Page - Analog Devices AD6634BC/PCB Datasheet HTML 40Page - Analog Devices AD6634BC/PCB Datasheet HTML 41Page - Analog Devices AD6634BC/PCB Datasheet HTML 42Page - Analog Devices AD6634BC/PCB Datasheet HTML 43Page - Analog Devices AD6634BC/PCB Datasheet HTML 44Page - Analog Devices AD6634BC/PCB Datasheet HTML 45Page - Analog Devices AD6634BC/PCB Datasheet HTML 46Page - Analog Devices AD6634BC/PCB Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
REV. 0
AD6634
–43–
Table XV. Memory Map for Output Port Control Registers
Channel
Bit
Address
Register
Width
Comments
08
Port A Control Register
4
3:
Port A Enable
2–1:
HB A Signal Interleaving
11
All 4 Channels
10
Chs 0, 1, 2
01
Chs 0,1
00
Ch 0
0:
Bypass
09
Port B Control Register
3
2:
Port B Enable
1:
HB A Signal Interleaving
1Chs 2, 3
0Ch 2
0:
Bypass
0A
AGC A Control Register
8
7–5:
Output Word Length
111
4 Bits
110
5 Bits
101
6 Bits
100
7 Bits
011
8 Bits
010
10 Bits
001
12 Bits
000
16 Bits
4:
Clipping Error
1:
Maintain Level of Clipping Error
0:
Maintain Output Signal Level
3:
Sync Now
2:
Init on Sync
1:
First Sync Only
0:
Bypass
0B
AGC A Hold-Off Counter
16
15–0: Hold Off Value
0C
AGC A Desired Level
8
7–0:
Desired Output Power Level or Clipping Energy
(R Parameter)
0D
AGC A Signal Gain
12
11–0: GS Parameter
0E
AGC A Loop Gain
8
7–0:
K Parameter
0F
AGC A Pole Location
8
7–0:
P Parameter
10
AGC A Average Samples
6
5–2:
Scale for CIC Decimator
1-0:
Number of Averaging Samples
11
AGC A Update Decimation
12
11–0: CIC Decimation Ratio
12
AGC B Control Register
8
7–5:
Output Word Length
112
4 Bits
110
5 Bits
102
6 Bits
101
7 Bits
011
8 Bits
010
10 Bits
001
12 Bits
000
16 Bits
4:
Clipping Error
1:
Maintain Level of Clipping Error
0:
Maintain Output Signal Level
3:
Sync Now
2:
Init on Sync
1:
First Sync Only
0:
Bypass
13
AGC B Hold-Off Counter
16
15–0: Hold Off Value
14
AGC B Desired Level
8
7–0:
Desired Output Power Level or Clipping Energy
(R Parameter)
15
AGC B Signal Gain
12
11–0: GS Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com