Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 22Page - Analog Devices AD6634BC/PCB Datasheet HTML 23Page - Analog Devices AD6634BC/PCB Datasheet HTML 24Page - Analog Devices AD6634BC/PCB Datasheet HTML 25Page - Analog Devices AD6634BC/PCB Datasheet HTML 26Page - Analog Devices AD6634BC/PCB Datasheet HTML 27Page - Analog Devices AD6634BC/PCB Datasheet HTML 28Page - Analog Devices AD6634BC/PCB Datasheet HTML 29Page - Analog Devices AD6634BC/PCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
REV. 0
–26–
AD6634
f
f
N
SAMP
CLK
CH
2 ≤
The decimation ratio, MCIC5, may be programmed from 2 to 32
(all integer values). The frequency response of the filter is given
by the following equations. The gain and pass-band droop of
CIC5 should be calculated by these equations. Both parameters
may be compensated for in the RCF stage.
Hz
z
z
Hf
Mf
f
f
f
S
M
S
CIC
SAMP
SAMP
CIC
CIC
CIC
() =
−
−


() =
×




+
−
−
+
1
2
1
1
1
2
5
5
5
51
5
5
5
2
2
5
sin
sin
π
π
The scale factor, SCIC5 is a programmable unsigned integer between
0 and 20. It serves to control the attenuation of the data into the
CIC5 stage in 6 dB increments. For the best dynamic range, SCIC5
should be set to the smallest value possible (lowest attenuation)
without creating an overflow condition. This can be safely accom-
plished using the following equation, where OLrCIC2 is the largest
fraction of full scale possible at the input to this filter stage. This
value is output from the rCIC2 stage then pipelined into the CIC5.
S
ceil
M
OL
OL
M
OL
CIC
CIC
rCIC
rCIC
CIC
S
rCIC
CIC
52
5
5
2
2
5
5
5
2
5
2
5
=×
()
= () ×
+
log
–
The output rate of this stage is given by the equation below.
f
f
M
SAMP
SAMP
CIC
5
2
5
=
CIC5 Rejection
Table IV illustrates the amount of bandwidth in percentage of
the clock rate that can be protected with various decimation
rates and alias rejection specifications. The maximum input rate
into the CIC5 is 80 MHz when the rCIC2 decimates by 1. As in
the Table III, these are the one-half bandwidth characteristics of
the CIC5. Notice that the CIC5 stage can protect a much wider
band to any given rejection.
This table helps to calculate an upper bound on decimation,
MCIC5, given the desired filter characteristics.
Table IV. SSB CIC5 Alias Rejection Table (fSAMP2 = 1)
MCIC5
–50 dB
–60 dB
–70 dB
–80 dB
–90 dB
–100 dB
2
10.227
8.078
6.393
5.066
4.008
3.183
3
7.924
6.367
5.11
4.107
3.297
2.642
4
6.213
5.022
4.057
3.271
2.636
2.121
5
5.068
4.107
3.326
2.687
2.17
1.748
6
4.267
3.463
2.808
2.27
1.836
1.48
7
3.68
2.989
2.425
1.962
1.588
1.281
8
3.233
2.627
2.133
1.726
1.397
1.128
9
2.881
2.342
1.902
1.54
1.247
1.007
10
2.598
2.113
1.716
1.39
1.125
0.909
11
2.365
1.924
1.563
1.266
1.025
0.828
12
2.17
1.765
1.435
1.162
0.941
0.76
13
2.005
1.631
1.326
1.074
0.87
0.703
14
1.863
1.516
1.232
0.998
0.809
0.653
15
1.74
1.416
1.151
0.932
0.755
0.61
16
1.632
1.328
1.079
0.874
0.708
0.572
17
1.536
1.25
1.016
0.823
0.667
0.539
18
1.451
1.181
0.96
0.778
0.63
0.509
19
1.375
1.119
0.91
0.737
0.597
0.483
20
1.307
1.064
0.865
0.701
0.568
0.459
21
1.245
1.013
0.824
0.667
0.541
0.437
22
1.188
0.967
0.786
0.637
0.516
0.417
23
1.137
0.925
0.752
0.61
0.494
0.399
24
1.09
0.887
0.721
0.584
0.474
0.383
25
1.046
0.852
0.692
0.561
0.455
0.367
26
1.006
0.819
0.666
0.54
0.437
0.353
27
0.969
0.789
0.641
0.52
0.421
0.34
28
0.934
0.761
0.618
0.501
0.406
0.328
29
0.902
0.734
0.597
0.484
0.392
0.317
30
0.872
0.71
0.577
0.468
0.379
0.306
31
0.844
0.687
0.559
0.453
0.367
0.297
32
0.818
0.666
0.541
0.439
0.355
0.287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com