Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634BC/PCB Datasheet(PDF) 33 Page - Analog Devices

Part # AD6634BC/PCB
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BC/PCB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6634BC/PCB Datasheet HTML 29Page - Analog Devices AD6634BC/PCB Datasheet HTML 30Page - Analog Devices AD6634BC/PCB Datasheet HTML 31Page - Analog Devices AD6634BC/PCB Datasheet HTML 32Page - Analog Devices AD6634BC/PCB Datasheet HTML 33Page - Analog Devices AD6634BC/PCB Datasheet HTML 34Page - Analog Devices AD6634BC/PCB Datasheet HTML 35Page - Analog Devices AD6634BC/PCB Datasheet HTML 36Page - Analog Devices AD6634BC/PCB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
REV. 0
AD6634
–33–
4. Set the Start on Pin Sync bit and the appropriate Sync Pin
Enable high (Ext Address 4 ) (A, B, C, or D).
5. When the Sync pin is sampled high by the AD6634 CLK, this
enables the count down of the Start Update Hold-Off Counter.
The counter is clocked with the AD6634 CLK signal. When it
reaches a count of 1, the Sleep bit of the appropriate channel(s)
is set low to activate the channel(s).
Hop
Hop is a jump from one NCO frequency to a new NCO
frequency. This change in frequency can be synchronized via
microprocessor control (Soft Sync) or an external Sync signal
(PIN Sync) as described below.
To set the NCO frequency without synchronization the following
method should be used.
Set Freq No Hop
1. Set the NCO Freq Hold-Off counter to 0.
2. Load the appropriate NCO frequency. The new frequency
will be immediately loaded to the NCO.
Hop with Soft Sync
The AD6634 includes the ability to synchronize a change in NCO
frequency of multiple channels or chips under microprocessor
control. The NCO Freq Hold-Off counter (0x84) in conjunction
with the Hop bit and the Sync bit (Ext Address 4) allow this
synchronization. Basically the NCO Freq Hold-Off counter
delays the new frequency from being loaded into the NCO by
its value (number of AD6634 CLKs). The following method is
used to synchronize a hop in frequency of multiple channels via
microprocessor control.
1. Note that the time from when DTACK (Pin 57) goes high to
when the NCO begins processing data is the contents of the
NCO Freq Hold-Off counter (0x84) + 7 master clock cycles.
2. Write the NCO Freq Hold-Off (0x84) counter to the appro-
priate value (greater than 1 and less then 2
16–1).
3. Write the NCO Frequency register(s) to the new desired
frequency.
4. Write the Hop bit and the Sync(s) bit high (Ext Address 4).
5. This starts the NCO Freq Hold-Off counter counting down.
The counter is clocked with the AD6634 CLK signal. When
it reaches a count of 1, the new frequency is loaded into
the NCO.
Hop with Pin Sync
The AD6634 include four Sync pins to provide the most accu-
rate synchronization, especially between multiple AD6634s.
Synchronization of hopping to a new NCO frequency with an
external signal is accomplished with the following method.
1. Note that the time from when the SYNC pin goes high to
when the NCO begins processing data is the contents of the
NCO Freq Hold-Off counter (0x84) + 5 master clock cycles.
2. Write the NCO Freq Hold-Off counter(s) (0x84) to the
appropriate value (greater than 1 and less than 2
16–1).
3. Write the NCO Frequency register(s) to the new desired
frequency.
4. Set the Hop on Pin Sync bit and the appropriate Sync Pin
Enable high.
5. When the selected Sync pin is sampled high by the AD6634
CLK, this enables the countdown of the NCO Freq Hold-Off
counter. The counter is clocked with the AD6634 CLK signal.
When it reaches a count of 1, the new frequency is loaded
into the NCO.
PARALLEL OUTPUT PORTS
The AD6634 incorporates two independent 16-bit parallel ports
for output data transfer. Both parallel ports share pins and internal
mux circuitry. A single parallel port and a single Link Port can
be used simultaneously, but only if they do not share the same
data path; the two possible choices are Parallel Port A with
Link Port B, or Parallel Port B with Link Port A. Figure 35
presents a simplified block diagram showing the AD6634’s output
data routing configuration.
OUTPUT PORT A
PARALLEL PORT A
LINK PORT A
OUTPUT PORT B
PARALLEL PORT B
LINK PORT B
Figure 35. Output Port Data Routing
Parallel port configuration is specified by accessing Port Control
Register addresses 0x1A and 0x1C for parallel ports A and B,
respectively. Port clock Master/Slave mode (described later) is
configured using the Port Clock Control register at address
0x1E. Note that to access these registers, Bit 5 (Access Port
Control Registers) of external address 3 (SLEEP register) must
be set. The address is then selected by programming the CAR
register at external address 6.
The parallel ports are enabled by setting Bit 7 of the Link Control
registers at addresses 0x1B and 0x1D for ports A and B,
respectively.
Each parallel port is capable of operating in either Channel mode
or AGC mode. Each mode is described in detail below.
Channel Mode
Parallel port Channel mode is selected by setting Bit 0 of addresses
0x1B and 0x1D for parallel ports A and B, respectively. In
Channel mode, I and Q words from each channel is directed to
the parallel port, bypassing the AGC. The specific channels
output by the port are selected by setting Bits 1 through 4 of
Parallel Port Control Register 0x1A (port A) and 0x1C (port B).
Channel mode provides two data formats. Each format requires a
different number of parallel port clock (PCLK) cycles to complete
the transfer of data. In each case, each data element is trans-
ferred during one PCLK cycle. See Figures 36 and 37, which
present Channel mode parallel port timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com