Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 22Page - Microchip Technology MCP14A0153_15 Datasheet HTML 23Page - Microchip Technology MCP14A0153_15 Datasheet HTML 24Page - Microchip Technology MCP14A0153_15 Datasheet HTML 25Page - Microchip Technology MCP14A0153_15 Datasheet HTML 26Page - Microchip Technology MCP14A0153_15 Datasheet HTML 27Page - Microchip Technology MCP14A0153_15 Datasheet HTML 28Page - Microchip Technology MCP14A0153_15 Datasheet HTML 29Page - Microchip Technology MCP14A0153_15 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 27
MCP14A0153/4/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP14A0153:
High-Speed MOSFET Driver
MCP14A0154:
High-Speed MOSFET Driver
MCP14A0155:
High-Speed MOSFET Driver
MCP14A0153T: High-Speed MOSFET Driver
(Tape and Reel)
MCP14A0154T: High-Speed MOSFET Driver
(Tape and Reel)
MCP14A0155T: High-Speed MOSFET Driver
(Tape and Reel)
Temperature Range:
E
= -40°C to +125°C (Extended)
Package:
MS
= Plastic Micro Small Outline Package (MSOP), 8-lead
SN
= Plastic Small Outline Package (SOIC), 8-lead
MNY* = Plastic Dual Flat, No Lead Package -
2 x 3 x 0.75 mm Body (TDFN) 8-lead
*Y
= Nickel palladium gold manufacturing designator.
Only available on the SC70 and TDFN package.
PART NO.
–X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Examples:
a) MCP14A0153T-E/MS: Tape and Reel,
Extended temperature,
8LD MSOP package
b) MCP14A0153-E/MS:
Extended temperature,
8LD MSOP package
c) MCP14A0154T-E/SN: Tape and Reel
Extended temperature,
8LD SOIC package
d) MCP14A0154-E/SN:
Extended temperature,
8LD SOIC package
e) MCP14A0155T-E/MNY: Tape and Reel
Extended temperature,
8LD TDFN package
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and
Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com