Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 5 Page - Microchip Technology

  MCP14A0153_15 Datasheet HTML 1Page - Microchip Technology MCP14A0153_15 Datasheet HTML 2Page - Microchip Technology MCP14A0153_15 Datasheet HTML 3Page - Microchip Technology MCP14A0153_15 Datasheet HTML 4Page - Microchip Technology MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 5
MCP14A0153/4/5
Switching Time (Note 1)
Rise Time
tR
—14
21
ns
VDD =18V, CL =1000 pF,
TA = +125°C, see Figure 4-1,
Figure 4-2
Fall Time
tF
—13
20
ns
VDD =18V, CL =1000 pF,
TA = +125°C, see Figure 4-1,
Figure 4-2
Delay Time
tD1
—28
35
ns
VDD =18V, VIN =5V, TA = +125°C,
see Figure 4-1, Figure 4-2
tD2
—27
34
VDD =18V, VIN =5V, TA = +125°C,
see Figure 4-1, Figure 4-2
Power Supply
Supply Voltage
VDD
4.5
—
18
V
Power Supply Current
IDD
—
—
1520
µA
VIN =3V, VEN = 3V
IDD
—
—
1560
µA
VIN =0V, VEN = 3V
IDD
—
—
1560
µA
VIN =3V, VEN = 0V
IDD
—
—
1600
µA
VIN =0V, VEN = 0V
TEMPERATURE CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, all parameters apply with 4.5V
 VDD  18V.
Parameter
Sym.
Min.
Typ.
Max. Units
Comments
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
—
+150
°C
Package Thermal Information
Junction-to-Ambient Thermal Resistance, 8LD MSOP
JA
—158
—
°C/W Note 1
Junction-to-Ambient Thermal Resistance, 8LD SOIC
JA
—99.8—
°C/W Note 1
Junction-to-Ambient Thermal Resistance, 8LD TDFN
JA
—53.7—
°C/W Note 1
Junction-to-Top Characterization Parameter, 8LD MSOP
JT
—2.4
—
°C/W Note 1
Junction-to-Top Characterization Parameter, 8LD SOIC
JT
—5.9
—
°C/W Note 1
Junction-to-Top Characterization Parameter, 8LD TDFN
JT
—0.5
—
°C/W Note 1
Junction-to-Board Characterization Parameter, 8LD MSOP
JB
—115.2
—°C/W Note 1
Junction-to-Board Characterization Parameter, 8LD SOIC
JB
—64.8—
°C/W Note 1
Junction-to-Board Characterization Parameter, 8LD TDFN
JB
—24.4—
°C/W Note 1
Note 1:
Parameter is determined using a High K 2S2P 4-Layer board as described in JESD 51-7, as well as
JESD 51-5 for packages with exposed pads.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE) (Note 1)
Electrical Specifications:
Unless otherwise indicated, over the operating range with 4.5V
 VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Tested during characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com