Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology MCP14A0153_15 Datasheet HTML 10Page - Microchip Technology MCP14A0153_15 Datasheet HTML 11Page - Microchip Technology MCP14A0153_15 Datasheet HTML 12Page - Microchip Technology MCP14A0153_15 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 9
MCP14A0153/4/5
Note:
Unless otherwise indicated, TA =+25°C with 4.5V  VDD  18V.
FIGURE 2-19:
Output Resistance (Output
High) vs. Supply Voltage.
FIGURE 2-20:
Output Resistance (Output
Low) vs. Supply Voltage.
FIGURE 2-21:
Supply Current vs.
Capacitive Load (VDD = 18V).
FIGURE 2-22:
Supply Current vs.
Capacitive Load (VDD = 12V).
FIGURE 2-23:
Supply Current vs.
Capacitive Load (VDD = 6V).
FIGURE 2-24:
Supply Current vs.
Frequency (VDD = 18V).
4
5
6
7
8
9
10
11
12
13
14
4
6
8
10
12
14
16
18
Supply Voltage (V)
TA = +25°C
TA = +125°C
VIN = 0V (MCP14A0154)
VIN = 5V (MCP14A0154)
0
2
4
6
8
10
4
6
8
10
12
14
16
18
Supply Voltage (V)
TA = +25°C
TA = +125°C
VIN = 5V (MCP14A0153)
VIN = 0V (MCP14A0154)
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
Capacitive Load (pF)
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
10 kHz
V
DD = 18V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Switching Frequency (kHz)
10000 pF
6800 pF
3300 pF
1000 pF
470 pF
100 pF
V
DD = 18V
0
5
10
15
20
25
30
35
40
45
50
100
1000
10000
Capacitive Load (pF)
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
10 kHz
V
DD = 12V
0
5
10
15
20
25
30
35
40
45
50
10
100
1000
Switching Frequency (kHz)
10000 pF
6800 pF
3300 pF
1000 pF
470 pF
100 pF
V
DD = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com