Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 4Page - Microchip Technology MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology MCP14A0153_15 Datasheet HTML 10Page - Microchip Technology MCP14A0153_15 Datasheet HTML 11Page - Microchip Technology MCP14A0153_15 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP14A0153/4/5
DS20005470A-page 8
 2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-13:
Quiescent Supply Current
vs. Supply Voltage.
FIGURE 2-14:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-15:
Input Threshold vs.
Temperature.
FIGURE 2-16:
Input Threshold vs Supply
Voltage.
FIGURE 2-17:
Enable Threshold vs.
Temperature.
FIGURE 2-18:
Enable Threshold vs Supply
Voltage.
1460
1480
1500
1520
1540
1560
1580
1600
1620
468
10
12
14
16
18
Supply Voltage (V)
V
IN = 3V,VEN = 3V
V
IN = 0V,VEN = 0V
V
IN = 3V,VEN = 0V or VIN = 0V,VEN = 3V
1300
1400
1500
1600
1700
1800
1900
2000
2100
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
V
DD = 18V
V
IN = 5V,VEN = 5V
V
IN = 0V,VEN = 0V
V
IN = 5V,VEN = 0V or VIN = 0V,VEN = 5V
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
DD = 18V
V
IL
V
IH
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
4
6
8
10
12
14
16
18
Supply Voltage (V)
V
IL
V
IH
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
DD = 18V
V
EL
V
EH
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
4
6
8
10
12
14
16
18
Supply Voltage (V)
V
EL
V
EH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com