Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology MCP14A0153_15 Datasheet HTML 10Page - Microchip Technology MCP14A0153_15 Datasheet HTML 11Page - Microchip Technology MCP14A0153_15 Datasheet HTML 12Page - Microchip Technology MCP14A0153_15 Datasheet HTML 13Page - Microchip Technology MCP14A0153_15 Datasheet HTML 14Page - Microchip Technology MCP14A0153_15 Datasheet HTML 15Page - Microchip Technology MCP14A0153_15 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MCP14A0153/4/5
DS20005470A-page 12
 2015 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
4.1
General Information
MOSFET drivers are high-speed, high-current devices
which are intended to source/sink high-peak currents to
charge/discharge the gate capacitance of external
MOSFETs or Insulated-Gate Bipolar Transistors
(IGBTs). In high frequency switching power supplies,
the Pulse-Width Modulation (PWM) controller may not
have the drive capability to directly drive the power
MOSFET.
A
MOSFET
driver
such
as
the
MCP14A0153/4/5 family can be used to provide
additional source/sink current capability.
4.2
MOSFET Driver Timing
The ability of a MOSFET driver to transition from a
fully-off state to a fully-on state is characterized by the
driver’s rise time (tR), fall time (tF) and propagation
delays (tD1 and tD2). Figure 4-1 and Figure 4-2 show
the test circuit and timing waveform used to verify the
MCP14A0153/4/5 timing.
FIGURE 4-1:
Inverting Driver Timing
Waveform.
FIGURE 4-2:
Noninverting Driver Timing
Waveform.
4.3
Enable Function
The enable pins (EN A,EN B) provide additional control
of the output pins (OUT). These pins are active high
and are internally pulled up to VDD so that the pins can
be left floating to provide standard MOSFET driver
operation.
When the enable pin input voltage’s are above the
enable pin high voltage threshold, (VEN_H), the
corresponding output is enabled and allowed to react to
the status of the Input pin. However, when the voltage
applied to the Enable pins falls below the low threshold
voltage (VEN_L), the driver’s corresponding output is
disabled and doesn't respond to changes in the status
of the Input pins. When the driver is disabled, the
output is pulled down to a low state. Refer to Table 4-1
for the Enable pin logic. The threshold voltage levels for
the Enable pin are similar to the threshold voltage
levels of the Input pin, and are TTL compatible.
Hysteresis is provided to help increase the noise
immunity of the enable function, avoiding false triggers
of the enable signal during driver switching.
There are propagation delays associated with the
driver receiving an enable signal and the output
reacting. These propagation delays, tD3 and tD4, are
graphically represented in Figure 4-3.
Input
Output
CL = 1000 pF
1 μF
0.1 μF
VDD = 18V
½ MCP14A0153
½ MCP14A0155
tD1
10%
90%
Input
Output
5V
18V
0V
0V
VIH (Typ.)
VIL (Typ.)
tD2
tF
tR
Input
Output
CL = 1000 pF
1 μF
0.1 μF
VDD = 18V
½ MCP14A0154
½ MCP14A0155
tD1
10%
90%
Input
Output
5V
18V
0V
0V
VIH (Typ.)
VIL (Typ.)
tD2
tR
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com