Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology MCP14A0153_15 Datasheet HTML 10Page - Microchip Technology MCP14A0153_15 Datasheet HTML 11Page - Microchip Technology MCP14A0153_15 Datasheet HTML 12Page - Microchip Technology MCP14A0153_15 Datasheet HTML 13Page - Microchip Technology MCP14A0153_15 Datasheet HTML 14Page - Microchip Technology MCP14A0153_15 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 11
MCP14A0153/4/5
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Output Pins (OUT A/OUT A,
OUT B/OUT B)
The outputs are CMOS push-pull circuits that are
capable of sourcing and sinking 1.5A of peak current
(VDD = 18V). The low output impedance ensures the
gate of the external MOSFET stays in the intended
state even during large transients. This output also has
a reverse current latch-up rating of 500 mA.
3.2
Device Ground Pin (GND)
GND is the device return pin for the input and output
stages. The GND pin should have a low-impedance
connection to the bias supply source return. When the
capacitive load is being discharged, high peak currents
will flow through the ground pin.
3.3
Device Enable Pins (EN A,EN B)
The MOSFET driver device enable pins are
high-impedance inputs featuring low threshold levels.
The enable inputs also have hysteresis between the
high and low input levels, allowing them to be driven
from slow rising and falling signals and to provide noise
immunity. Driving the enable pins below the threshold
will disable the corresponding output of the device,
pulling OUT/OUT low, regardless of the status of the
Input pin. Driving the enable pins above the threshold
allows normal operation of the OUT/OUT pin based on
the status of the Input pin. The enable pins utilize
internal pull up resistors, allowing the pins to be left
floating for standard driver operation.
3.4
Control Input Pins (IN A,IN B)
The MOSFET driver control inputs are high-impedance
inputs featuring low threshold levels. The Inputs also
have hysteresis between the high and low input levels,
allowing them to be driven from slow rising and falling
signals and to provide noise immunity.
3.5
Supply Input Pin (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with a local capacitor. This bypass
capacitor provides a localized low-impedance path for
the peak currents that are provided to the load.
3.6
Exposed Metal Pad Pin (EP)
The exposed metal pad of the TDFN package is
internally connected to GND. Therefore, this pad
should be connected to a Ground plane to aid in heat
removal from the package.
TABLE 3-1:
PIN FUNCTION TABLE
MCP14A0153, MCP14A0153, MCP14A0153
Symbol
Description
2x3 TDFN
MSOP/SOIC
1
1
EN A
Enable - Channel A
2
2
IN A
Input - Channel A
3
3
GND
Device Ground
4
4
IN B
Input - Channel B
55
OUT B/OUT B
Output - Channel B
66
VDD
Supply Input
77
OUT A/OUT A
Output - Channel A
8
8
EN B
Enable - Channel B
EP
—
EP
Exposed Thermal Pad (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com