Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 11Page - Microchip Technology MCP14A0153_15 Datasheet HTML 12Page - Microchip Technology MCP14A0153_15 Datasheet HTML 13Page - Microchip Technology MCP14A0153_15 Datasheet HTML 14Page - Microchip Technology MCP14A0153_15 Datasheet HTML 15Page - Microchip Technology MCP14A0153_15 Datasheet HTML 16Page - Microchip Technology MCP14A0153_15 Datasheet HTML 17Page - Microchip Technology MCP14A0153_15 Datasheet HTML 18Page - Microchip Technology MCP14A0153_15 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 15
MCP14A0153/4/5
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will be carried over
to the next line, thus limiting the number of available characters for customer-specific
information.
3
e
3
e
8-Lead MSOP (3x3 mm)
Example
A0153
542256
8-Lead TDFN (2x3x0.75 mm)
Example
ACU
542
25
Device
Code
MCP14A0153T-E/MNY
ACU
MCP14A0154T-E/MNY
ACM
MCP14A0155T-E/MNY
ACV
Note:
Applies to 8-Lead 2x3 TDFN
8-Lead SOIC (3.90 mm)
Example
14A0153
NNN
Device
Code
MCP14A0153T-E/SN
14A0153
MCP14A0154T-E/SN
14A0154
MCP14A0155T-E/SN
14A0155
Note:
Applies to 8-Lead SOIC
Device
Code
MCP14A0153T-E/MS
A0153
MCP14A0154T-E/MS
A0154
MCP14A0155T-E/MS
A0155
Note:
Applies to 8-Lead MSOP
256
3
e^^ 1542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com