Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP14A0153_15 Datasheet HTML 2Page - Microchip Technology MCP14A0153_15 Datasheet HTML 3Page - Microchip Technology MCP14A0153_15 Datasheet HTML 4Page - Microchip Technology MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology MCP14A0153_15 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP14A0153/4/5
DS20005470A-page 6
 2015 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Fall Time vs. Supply
Voltage.
FIGURE 2-4:
Fall Time vs. Capacitive
Load.
FIGURE 2-5:
Rise and Fall Time vs.
Temperature.
FIGURE 2-6:
Crossover Current vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
140
160
180
200
4
6
8
10
12
14
16
18
Supply Voltage (V)
470 pF
1000 pF
3300 pF
6800 pF
10000 pF
0
20
40
60
80
100
120
140
160
180
200
100
1000
10000
Capacitive Load (pF)
18V
12V
5V
0
20
40
60
80
100
120
140
160
4
6
8
10
12
14
16
18
Supply Voltage (V)
470 pF
1000 pF
3300 pF
6800 pF
10000 pF
0
20
40
60
80
100
120
140
160
100
1000
10000
Capacitive Load (pF)
18V
12V
5V
4
6
8
10
12
14
16
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
DD = 18V
t
F, 1000 pF
t
R, 1000 pF
t
R, 470 pF
t
F, 470 pF
1
10
100
1000
10000
4
6
8
10
12
14
16
18
Supply Voltage (V)
500 kHz
200 kHz
100 kHz
50 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com