Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 3 Page - Microchip Technology

  MCP14A0153_15 Datasheet HTML 1Page - Microchip Technology MCP14A0153_15 Datasheet HTML 2Page - Microchip Technology MCP14A0153_15 Datasheet HTML 3Page - Microchip Technology MCP14A0153_15 Datasheet HTML 4Page - Microchip Technology MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 3
MCP14A0153/4/5
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD, Supply Voltage.............................................+20V
VIN, Input Voltage...........(VDD + 0.3V) to (GND - 0.3V)
VEN, Enable Voltage.......(VDD + 0.3V) to (GND - 0.3V)
Package Power Dissipation (TA = +50°C)
8L MSOP ...................................................... 0.63W
8L SOIC ........................................................ 1.00W
8L 2 x 3 TDFN............................................... 1.86W
ESD Protection on all Pins .........................2 kV (HBM)
....................................................................200V (MM)
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, TA = +25°C, with 4.5V  VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Input Voltage Range
VIN
GND - 0.3
—
VDD +0.3
V
Logic ‘1’ High Input Voltage
VIH
2.0
1.6
—
V
Logic ‘0’ Low Input Voltage
VIL
—1.2
0.8
V
Input Voltage Hysteresis
VHYST(IN)
—0.4
—
V
Input Current
IIN
-1
—
+1
µA
0V
 VIN  VDD
Enable
Enable Voltage Range
VEN
GND - 0.3V
—
VDD +0.3
V
Logic ‘1’ High Enable Voltage
VEH
21.6
—V
Logic ‘0’ Low Enable Voltage
VEL
—1.2
0.8
V
Enable Voltage Hysteresis
VHYST(EN)
—0.4
—
V
Enable Pin Pull-Up Resistance
RENBL
—1.8
—
MΩ
VDD =18V, EN = GND
Enable Input Current
IEN
—10
—
µA
VDD =18V, EN = GND
Propagation Delay
tD3
—25
32
ns
VDD =18V, VEN =5V,
see Figure 4-3, (Note 1)
Propagation Delay
tD4
—24
31
ns
VDD =18V, VEN =5V,
see Figure 4-3, (Note 1)
Output
High Output Voltage
VOH
VDD -0.025
—
—
V
IOUT =0A
Low Output Voltage
VOL
——
0.025
V
IOUT =0A
Output Resistance, High
ROH
—4.5
6.5
Ω
IOUT =10 mA, VDD =18V
Output Resistance, Low
ROL
—3.0
4.5
Ω
IOUT =10 mA, VDD =18V
Peak Output Current
IPK
—1.5
—
A
VDD =18V (Note 1)
Latch-Up Protection Withstand
Reverse Current
IREV
0.5
—
—
A
Duty cycle
 2%, t  300 µs
(Note 1)
Switching Time (Note 1)
Rise Time
tR
—
11.5
18.5
ns
VDD =18V, CL = 1000 pF,
see Figure 4-1, Figure 4-2
(Note 1)
Note 1:
Tested during characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com