Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14A0153 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 1 Page - Microchip Technology

  MCP14A0153_15 Datasheet HTML 1Page - Microchip Technology MCP14A0153_15 Datasheet HTML 2Page - Microchip Technology MCP14A0153_15 Datasheet HTML 3Page - Microchip Technology MCP14A0153_15 Datasheet HTML 4Page - Microchip Technology MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2015 Microchip Technology Inc.
DS20005470A-page 1
MCP14A0153/4/5
Features
• High Peak Output Current: 1.5A (typical)
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• High Capacitive Load Drive Capability:
- 1000 pF in 11.5 ns (typical)
• Short Delay Times: 25 ns (tD1), 24 ns (tD2) (typical)
• Low Supply Current: 750 µA (typical)
• Low-Voltage Threshold Input and Enable with
Hysteresis
• Latch-Up Protected: Withstands 500 mA Reverse
Current
• Space-Saving Packages:
- 8-Lead MSOP
- 8-Lead SOIC
- 8-Lead 2x3 TDFN
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Level Translator
• Motor and Solenoid Drive
General Description
The MCP14A0153/4/5 devices are high-speed dual
MOSFET drivers that are capable of providing up to
1.5A of peak current while operating from a single 4.5V
to 18V supply. There are three output configurations
available;
dual
inverting
(MCP14A0153),
dual
noninverting (MCP14A0154) and complementary
(MCP14A0155).
These
devices
feature
low
shoot-through current, matched rise and fall times, and
short propagation delays which make them ideal for
high switching frequency applications.
The
MCP14A0153/4/5
family of
devices offer
enhanced control with Enable functionality. The
active-high Enable pins can be driven low to drive the
corresponding outputs of the MCP14A0153/4/5 low,
regardless of the status of the Input pin. An integrated
pull-up resistor allows the user to leave the Enable pins
floating for standard operation.
These devices are highly latch-up resistant under any
condition within their power and voltage ratings. They
can accept up to 500 mA of reverse current being
forced back into their outputs without damage or logic
upset. All terminals are fully protected against
electrostatic discharge (ESD) up to 2 kV (HBM) and
200 V (MM).
Package Types
GND
IN A
IN B
1
2
3
4
8
7
6
5
EN A
EN B
OUT A
OUT A
OUT A
VDD
OUT B
OUT B
OUT B
MSOP/SOIC
2×3 TDFN *
GND
IN A
IN B
OUT A
OUT A
OUT A
VDD
1
2
3
4
8
7
6
5 OUT B
OUT B
OUT B
EN B
EN A
EP
9
* Includes Exposed Thermal Pad (EP); see Table 3-1.
MCP14A0153
MCP14A0154
MCP14A0155
MCP14A0153
MCP14A0154
MCP14A0155
1.5A Dual MOSFET Driver
with Low Threshold Input And Enable


Similar Part No. - MCP14A0153_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14A0153 MICROCHIP-MCP14A0153 Datasheet
781Kb / 30P
1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
More results

Similar Description - MCP14A0153_15

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
1.5A Low Dropout Regulator with Enable
G965 GMT-G965_07 Datasheet
498Kb / 9P
1.5A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
1.5A Ultra Low LDO with Enable
logo
Microchip Technology
MCP14A0153 MICROCHIP-MCP14A0153 Datasheet
781Kb / 30P
1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
MCP14A0151 MICROCHIP-MCP14A0151 Datasheet
560Kb / 24P
1.5A MOSFET Driver with Low Threshold Input And Enable
03/25/14
MCP14A0051 MICROCHIP-MCP14A0051 Datasheet
540Kb / 24P
0.5A MOSFET Driver With Low Threshold Input And Enable
03/25/14
logo
Advanced Monolithic Sys...
AMS4123 ADMOS-AMS4123 Datasheet
590Kb / 18P
Dual Threshold Enable
logo
Microchip Technology
MCP14A0051 MICROCHIP-MCP14A0051_V01 Datasheet
671Kb / 24P
0.5A MOSFET Driver with Low Threshold Input and Enable
Revision B (May 2022)
MCP14A0303 MICROCHIP-MCP14A0303 Datasheet
877Kb / 34P
3A Dual MOSFET Driver with Low Threshold Input and Enable
Revision A June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com