Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 2 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 2 Page - ELM Electronics

  GD25Q32C Datasheet HTML 1Page - ELM Electronics GD25Q32C Datasheet HTML 2Page - ELM Electronics GD25Q32C Datasheet HTML 3Page - ELM Electronics GD25Q32C Datasheet HTML 4Page - ELM Electronics GD25Q32C Datasheet HTML 5Page - ELM Electronics GD25Q32C Datasheet HTML 6Page - ELM Electronics GD25Q32C Datasheet HTML 7Page - ELM Electronics GD25Q32C Datasheet HTML 8Page - ELM Electronics GD25Q32C Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
- Content -
Page
1. FEATURES
-------------------------------------------------------------------------------------------------
4
2. GENERAL DESCRIPTION
-----------------------------------------------------------------------------
5
3. MEMORY ORGANIZATION
--------------------------------------------------------------------------
6
4. DEVICE OPERATION
----------------------------------------------------------------------------------
7
5. DATA PROTECTION
------------------------------------------------------------------------------------
8
6. STATUS REGISTER
-------------------------------------------------------------------------------------
10
7. COMMANDS DESCRIPTION
-------------------------------------------------------------------------
12
7.1. Write Enable (WREN) (06H)
-----------------------------------------------------------------------
15
7.2. Write Disable (WRDI) (04H)
-----------------------------------------------------------------------
15
7.3. Write Enable for Volatile Status Register (50H)
--------------------------------------------------
15
7.4. Read Status Register (RDSR) (05H or 35H or 15H)
--------------------------------------------
16
7.5. Write Status Register (WRSR) (01H or 31H or 11H)
-------------------------------------------
16
7.6. Read Data Bytes (READ) (03H)
--------------------------------------------------------------------
17
7.7. Read Data Bytes at Higher Speed (Fast Read) (0BH)
-------------------------------------------
17
7.8. Dual Output Fast Read (3BH)
----------------------------------------------------------------------
18
7.9. Quad Output Fast Read (6BH)
----------------------------------------------------------------------
19
7.10. Dual I/O Fast Read (BBH)
-------------------------------------------------------------------------
19
7.11. Quad I/O Fast Read (EBH)
-------------------------------------------------------------------------
20
7.12. Quad I/O Word Fast Read (E7H)
------------------------------------------------------------------
22
7.13. Set Burst with Wrap (77H)
--------------------------------------------------------------------------
23
7.14. Page Program (PP) (02H)
---------------------------------------------------------------------------
24
7.15. Quad Page Program (32H)
--------------------------------------------------------------------------
25
7.16 Fast Page Program (FPP) (F2H)
--------------------------------------------------------------------
26
7.17. Sector Erase (SE) (20H)
-----------------------------------------------------------------------------
27
7.18. 32KB Block Erase (BE) (52H)
---------------------------------------------------------------------
28
7.19. 64KB Block Erase (BE) (D8H)
---------------------------------------------------------------------
28
7.20. Chip Erase (CE) (60/C7H)
--------------------------------------------------------------------------
29
7.21. Deep Power-Down (DP) (B9H)
---------------------------------------------------------------------
29
7.22. Release from Deep Power-Down or High Performance Mode and Read Device ID (RDI) (ABH) 30
7.23. Read Manufacture ID/Device ID (REMS) (90H)
-------------------------------------------------
31
7.24. Dual I/O Read Manufacture ID/Device ID (92H)
------------------------------------------------
32
7.25. Quad I/O Read Manufacture ID/Device ID (94H)
-----------------------------------------------
32
7.26. Read Identification (RDID) (9FH)
------------------------------------------------------------------
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com