Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 45 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 45 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 41Page - ELM Electronics GD25Q32C Datasheet HTML 42Page - ELM Electronics GD25Q32C Datasheet HTML 43Page - ELM Electronics GD25Q32C Datasheet HTML 44Page - ELM Electronics GD25Q32C Datasheet HTML 45Page - ELM Electronics GD25Q32C Datasheet HTML 46Page - ELM Electronics GD25Q32C Datasheet HTML 47Page - ELM Electronics GD25Q32C Datasheet HTML 48Page - ELM Electronics GD25Q32C Datasheet HTML 49Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
45
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
8.6. DC Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit.
ILI
Input Leakage Current
±2
μA
ILO
Output Leakage Current
±2
μA
ICC1 Standby Current
CS#=VCC, VIN=VCC or VSS
1
5
μA
ICC2 Deep Power-Down Current CS#=VCC, VIN=VCC or VSS
1
5
μA
ICC3 Operating Current (Read)
CLK=0.1VCC/0.9VCC at 120MHz,
Q=Open(*1,*2,*4 I/O)
15
20
mA
CLK=0.1VCC/0.9VCC at 80MHz,
Q=Open(*1,*2,*4 I/O)
13
18
mA
ICC4 Operating Current (PP)
CS#=VCC
20
mA
ICC5 Operating Current (WRSR) CS#=VCC
20
mA
ICC6 Operating Current (SE)
CS#=VCC
20
mA
ICC7 Operating Current (BE)
CS#=VCC
20
mA
ICC8 Operating Current (CE)
CS#=VCC
20
mA
ICC9 High Performance Current
400
800
μA
VIL Input Low Voltage
-0.5
0.2VCC
V
VIH Input High Voltage
0.7VCC
VCC+0.4
V
VOL Output Low Voltage
IOL=100μA
0.2
V
VOH Output High Voltage
IOH=-100μA
VCC-0.2
V
(T= -40°C~85°C, VCC=2.7~3.6V)
8.7. AC Characteristics
(T= -40°C~85°C, VCC=2.7~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: Dual I/O(BBH), Quad I/O(EBH),
Quad Output(6BH) (Dual I/O & Quad I/O Without High
Performance Mode), on 3.0V-3.6V power supply
DC.
104
MHz
fC1
Serial Clock Frequency For: Dual I/O(BBH), Quad I/O(EBH),
Quad Output(6BH) (Dual I/O & Quad I/O Without High
Performance Mode), on 2.7V-3.0V power supply
DC.
80
MHz
fC2
Serial Clock Frequency For: Dual I/O(BBH), Quad I/O(EBH),
Quad Output(6BH) (Dual I/O & Quad I/O With High
Performance Mode), on 2.7V-3.6V power supply
DC.
120
MHz
fR
Serial Clock Frequency For: Read (03H)
DC.
80
MHz
tCLH Serial Clock High Time
4
ns
tCLL Serial Clock Low Time
4
ns
tCLCH Serial Clock Rise Time (Slew Rate)
0.2
V/ns
tCHCL Serial Clock Fall Time (Slew Rate)
0.2
V/ns
tSLCH CS# Active Setup Time
5
ns
tCHSH CS# Active Hold Time
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com