Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 32 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 32 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 28Page - ELM Electronics GD25Q32C Datasheet HTML 29Page - ELM Electronics GD25Q32C Datasheet HTML 30Page - ELM Electronics GD25Q32C Datasheet HTML 31Page - ELM Electronics GD25Q32C Datasheet HTML 32Page - ELM Electronics GD25Q32C Datasheet HTML 33Page - ELM Electronics GD25Q32C Datasheet HTML 34Page - ELM Electronics GD25Q32C Datasheet HTML 35Page - ELM Electronics GD25Q32C Datasheet HTML 36Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.24. Dual I/O Read Manufacture ID/Device ID (92H)
The Dual I/O Read Manufacturer/Device ID command is an alternative to the Release from Power-Down/
Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by
dual I/O.
The command is initiated by driving the CS# pin low and shifting the command code “92H” followed by a
24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on
the falling edge of SCLK with most significant bit (MSB) first as shown in Figure29. If the 24-bit address is
initially set to 000001H, the Device ID will be read first.
Figure 29. Read Manufacture ID/Device ID Dual I/O Sequence Diagram
Command
0 1 2 3 4 5 6 7
92H
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
6 4 2 0 6 4 2 0
16 17 18 19 20 21 22 23
6 4 2 0 6 4 2 0
7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1
A23-16
A15-8
A7-0
M7-0
CS#
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
SI(IO0)
SO(IO1)
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1
SCLK
MFR ID
Device ID
40 41 42 43
6 4 2 0
7 5 3 1
44 45 46 47
6 4 2 0
7 5 3 1
MFR ID
(Repeat)
Device ID
(Repeat)
MFR ID
(Repeat)
Device ID
(Repeat)
7.25. Quad I/O Read Manufacture ID/Device ID (94H)
The Quad I/O Read Manufacturer/Device ID command is an alternative to the Release from Power-Down/
Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by
quad I/O.
The command is initiated by driving the CS# pin low and shifting the command code “94H” followed by a
24-bit address (A23-A0) of 000000H. and 4 dummy clocks. After which, the Manufacturer ID and the Device
ID are shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure30. If the
24-bit address is initially set to 000001H, the Device ID will be read first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com