Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 36 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 36 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 32Page - ELM Electronics GD25Q32C Datasheet HTML 33Page - ELM Electronics GD25Q32C Datasheet HTML 34Page - ELM Electronics GD25Q32C Datasheet HTML 35Page - ELM Electronics GD25Q32C Datasheet HTML 36Page - ELM Electronics GD25Q32C Datasheet HTML 37Page - ELM Electronics GD25Q32C Datasheet HTML 38Page - ELM Electronics GD25Q32C Datasheet HTML 39Page - ELM Electronics GD25Q32C Datasheet HTML 40Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Address
A23-A16
A15-A12
A11-A10
A9-A0
Security Register #1
00H
0 0 0 1
0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0
Byte Address
Figure 35. Erase Security Registers command Sequence Diagram
Command
0 1 2 3 4 5 6 7
44H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
24 Bits Address
23 22
7.31. Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. It allows from 1 to 1024
bytes Security Registers data to be programmed. A Write Enable (WREN) command must previously have been
executed to set the Write Enable Latch (WEL) bit before sending the Program Security Registers command. The
Program Security Registers command is entered by driving CS# Low, followed by the command code (42H),
three address bytes and at least one data byte on SI. As soon as CS# is driven high, the self-timed Program
Security Registers cycle (whose duration is tPP) is initiated. While the Program Security Registers cycle is in
progress, the Status Register may be read to check the value of the Write in Progress (WIP) bit. The Write in
Progress (WIP) bit is 1 during the self-timed Program Security Registers cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
If the Security Registers Lock Bit (LB3-1) is set to 1, the Security Registers will be permanently locked.
Program Security Registers command will be ignored.
Address
A23-A16
A15-A12
A11-A10
A9-A0
Security Register #1
00H
0 0 0 1
0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0
Byte Address
→ CS# goes high. The command sequence is shown in Figure35. CS# must be driven high after the eighth bit
of the command code has been latched in; otherwise the Erase Security Registers command is not executed.
As soon as CS# is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated.
While the Erase Security Registers cycle is in progress, the Status Register may be read to check the value of the
Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Erase Security Registers
cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable
Latch (WEL) bit is reset. The Security Registers Lock Bit (LB3-1) in the Status Register can be used to OTP
protect the security registers. Once the LB bit is set to 1, the Security Registers will be permanently locked; the
Erase Security Registers command will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com