Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 23 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 23 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 19Page - ELM Electronics GD25Q32C Datasheet HTML 20Page - ELM Electronics GD25Q32C Datasheet HTML 21Page - ELM Electronics GD25Q32C Datasheet HTML 22Page - ELM Electronics GD25Q32C Datasheet HTML 23Page - ELM Electronics GD25Q32C Datasheet HTML 24Page - ELM Electronics GD25Q32C Datasheet HTML 25Page - ELM Electronics GD25Q32C Datasheet HTML 26Page - ELM Electronics GD25Q32C Datasheet HTML 27Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Figure 16. Quad I/O Word Fast Read Sequence Diagram (M5-4 = (1, 0))
0 1 2 3 4 5 6 7
CS#
SCLK
8 9 10 11 12 13 14 15
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
4
5
6
7
A23-16 A15-8 A7-0 M7-0 Dummy Byte1 Byte2
4 0
5 1
6 2
7 3
Byte3
Quad I/O Word Fast Read with “8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Quad I/O Word Fast Read command can be used to access a specific portion within a page by issuing “Set
Burst with Wrap” (77H) commands prior to E7H. The “Set Burst with Wrap” (77H) command can either enable
or disable the “Wrap Around” feature for the following E7H commands. When “Wrap Around” is enabled, the
data being accessed can be limited to either an 8/16/32/64-byte section of a 256-byte page. The output data
starts at the initial address specified in the command, once it reaches the ending boundary of the 8/16/32/64-byte
section, the output will wrap around the beginning boundary automatically until CS# is pulled high to terminate
the command.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill
the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read commands.
The “Set Burst with Wrap” command allows three “Wrap Bits” W6-W4 to be set. The W4 bit is used to enable
or disable the “Wrap Around” operation while W6-W5 is used to specify the length of the wrap around section
within a page.
7.13. Set Burst with Wrap (77H)
The Set Burst with Wrap command is used in conjunction with “Quad I/O Fast Read” and “Quad I/O Word
Fast Read” command to access a fixed length of 8/16/32/64-byte section within a 256-byte page, in standard SPI
mode. The Set Burst with Wrap command sequence: CS# goes low → Send Set Burst with Wrap command →
Send 24 dummy bits → Send 8 bits “Wrap bits” → CS# goes high.
W6, W5
W4=0
W4=1 (default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0, 0
Yes
8-byte
No
N/A
0, 1
Yes
16-byte
No
N/A
1, 0
Yes
32-byte
No
N/A
1, 1
Yes
64-byte
No
N/A
If the W6-W4 bits are set by the Set Burst with Wrap command, all the following “Quad I/O Fast Read” and
“Quad I/O Word Fast Read” command will use the W6-W4 setting to access the 8/16/32/64-byte section within
any page. To exit the “Wrap Around” function and return to normal read operation, another Set Burst with Wrap
command should be issued to set W4=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com