Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 12 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 12 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 8Page - ELM Electronics GD25Q32C Datasheet HTML 9Page - ELM Electronics GD25Q32C Datasheet HTML 10Page - ELM Electronics GD25Q32C Datasheet HTML 11Page - ELM Electronics GD25Q32C Datasheet HTML 12Page - ELM Electronics GD25Q32C Datasheet HTML 13Page - ELM Electronics GD25Q32C Datasheet HTML 14Page - ELM Electronics GD25Q32C Datasheet HTML 15Page - ELM Electronics GD25Q32C Datasheet HTML 16Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
12
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7. COMMANDS DESCRIPTION
All commands, addresses and data are shifted in and out of the device, beginning with the most significant bit
on the first rising edge of SCLK after CS# is driven low. Then, the one-byte command code must be shifted in
to the device, most significant bit first on SI, each bit being latched on the rising edges of SCLK.
See Table2, every command sequence starts with a one-byte command code. Depending on the command, this
might be followed by address bytes, or by data bytes, or by both or none. CS# must be driven high after the last
bit of the command sequence has been shifted in. For the command of Read, Fast Read, Read Status Register or
Release from Deep Power-Down, and Read Device ID, the shifted-in command sequence is followed by a data-
out sequence. CS# can be driven high after any bit of the data-out sequence is being shifted out.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write
Enable, Write Disable or Deep Power-Down command, CS# must be driven high exactly at a byte boundary,
otherwise the command is rejected, and is not executed. That means CS# must be driven high when the number
of clock pulses after CS# being driven low is an exact multiple of eight. For Page Program, if CS# is driven high
at any time the input byte is not a full byte, nothing will happen and WEL will not be reset.
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06H
Write Disable
04H
Volatile SR Write Enable
50H
Read Status Register-1
05H
(S7-S0)
(continuous)
Read Status Register-2
35H
(S15-S8)
(continuous)
Read Status Register-3
15H
(S23-S16)
(continuous)
Write Status Register-1
01H
S7-S0
Write Status Register-2
31H
S15-S8
Write Status Register-3
11H
S23-S16
Read Data
03H
A23-A16
A15-A8
A7-A0
(D7-D0) (Next byte) (continuous)
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0) (continuous)
Dual Output Fast Read
3BH
A23-A16
A15-A8
A7-A0
dummy
D7-D0 (1) (continuous)
Dual I/O Fast Read
BBH A23-A8 (2)
A7-A0
M7-M0 (2)
(D7-D0) (1)
(Next
byte)
(Next byte) (continuous)
Quad Output Fast Read
6BH
A23-A16
A15-A8
A7-A0
dummy (D7-D0) (3) (continuous)
Quad I/O Fast Read
EBH
A23-A0
M7-M0 (4)
dummy (5)
(D7-D0) (3)
(Next
byte)
(Next byte) (continuous)
Quad I/O Word Fast
Read (7)
E7H
A23-A0
M7-M0 (4)
dummy (6)
(D7-D0) (3)
(Next
byte)
(Next byte) (continuous)
Page Program
02H
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
continuous
Quad Page Program
32H
A23-A16
A15-A8
A7-A0
D7-D0 (3) Next byte
continuous
Fast Page Program
F2H
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
continuous
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase (32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase (64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Enable Reset
66H
Reset
99H
Table2. Commands (Standard/Dual/Quad SPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com